Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH40N60 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGH40N60
Description  Low VCE(sat) IGBT, High speed IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGH40N60 Datasheet HTML 1Page - IXYS Corporation IXGH40N60 Datasheet HTML 2Page - IXYS Corporation IXGH40N60 Datasheet HTML 3Page - IXYS Corporation IXGH40N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 1996 IXYS All rights reserved
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V
GE - Volts
0123
456789
10
0
10
20
30
40
50
60
70
80
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
V
GE - Volts
4
5
6
7
8
9
10 11 12 13 14 15
0
1
2
3
4
5
6
7
8
9
10
V
CE - Volts
02468
10
12
14
16
18
20
0
50
100
150
200
250
300
350
5V
7V
9V
11V
13V
V
CE - Volts
01
234
5
0
10
20
30
40
50
60
70
80
V
GE = 15V
I
C = 40A
I
C = 20A
I
C = 80A
I
C = 40 A
I
C = 20A
T
J
= 125°C
T
J = 25° C
V
GE(th) @ 250µA
V
CE = 100V
BV
CES @ 3mA
T
J = 25°C
T
J = 25°C
T
J = 25°C
V
GE = 15V
13V
11V
9V
7V
5V
Fig. 3 Collector-Emitter Voltage
Fig. 4 Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig. 5 Input Admittance
Fig. 6 Temperature Dependence of
Breakdown and Threshold Voltage
Fig. 1 Saturation Characteristics
Fig. 2 Output Characterstics
IXGH 40N60
IXGM 40N60
IXGH 40N60A IXGM 40N60A


Similar Part No. - IXGH40N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60B IXYS-IXGH40N60B Datasheet
296Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGH40N60B2D1 IXYS-IXGH40N60B2D1 Datasheet
612Kb / 6P
   HiPerFAST IGBT
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH40N60C2 IXYS-IXGH40N60C2 Datasheet
155Kb / 5P
   C2-Class High Speed IGBTs
More results

Similar Description - IXGH40N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
IXGM17N100 IXYS-IXGM17N100 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGM20N60 IXYS-IXGM20N60 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH10N60A IXYS-IXGH10N60A Datasheet
56Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH10N100 IXYS-IXGH10N100 Datasheet
46Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXGH25N120 IXYS-IXGH25N120 Datasheet
45Kb / 2P
   Low VCE(sat) High speed IGBT
IXGM25N100 IXYS-IXGM25N100 Datasheet
106Kb / 4P
   Low VCE(sat), High speed IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com