Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48B24E48BN Datasheet(PDF) 6 Page - Vicor Corporation

Part # V48B24E48BN
Description  FasTrak Mini E-Grade Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48B24E48BN Datasheet(HTML) 6 Page - Vicor Corporation

  V48B24E48BN Datasheet HTML 1Page - Vicor Corporation V48B24E48BN Datasheet HTML 2Page - Vicor Corporation V48B24E48BN Datasheet HTML 3Page - Vicor Corporation V48B24E48BN Datasheet HTML 4Page - Vicor Corporation V48B24E48BN Datasheet HTML 5Page - Vicor Corporation V48B24E48BN Datasheet HTML 6Page - Vicor Corporation V48B24E48BN Datasheet HTML 7Page - Vicor Corporation V48B24E48BN Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
+Sense from
other modules
in the array
+In
PC
PR
–In
+Out
+S
SC
–Out
–S
Figure 12—OR’ing diodes connections.
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
Load
+S
–S
+S
–S
+S
–S
Module
2
Module
1
+In
PC
PR
–In
+In
PC
PR
–In
Module
N+1
+In
PC
PR
–In
Figure 11—N+1 module array output connections.
Figure 9—DC coupled single-wire interface.
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
• The +Out and –Out power buses
should be designed to minimize
and balance parasitic impedance
from each module output to the
load.
• The +Sense pins should be tied
to the same point on the +Out
power bus; the –Sense pins
should be tied to the same point
on the –Out power bus.
• At the discretion of the power
system designer, a subset of all
modules within an array may be
configured as slaves by shorting
SC to –S.
• OR’ing diodes may be inserted in
series with the +Out pins of each
module to provide
module output fault tolerance.
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting – RoHS compliant
N
Long ModuMate
On-board socket mounting – RoHS compliant
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V375A24C600BN — Long ModuMate Pins


Similar Part No. - V48B24E48BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B24E48BN VICOR-V48B24E48BN Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48B24E48BN1 VICOR-V48B24E48BN1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48B24E48BN2 VICOR-V48B24E48BN2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V48B24E48BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Molex Electronics Ltd.
0457501212 MOLEX11-0457501212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIERW
0457503211 MOLEX11-0457503211 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
0457503212 MOLEX11-0457503212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
MB966 ETC2-MB966 Datasheet
485Kb / 1P
   1x Mini PCI-E slot (mSATA compatible)
logo
Vicor Corporation
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com