Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5233T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MUN5233T1
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5233T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MUN5233T1 Datasheet HTML 2Page - ON Semiconductor MUN5233T1 Datasheet HTML 3Page - ON Semiconductor MUN5233T1 Datasheet HTML 4Page - ON Semiconductor MUN5233T1 Datasheet HTML 5Page - ON Semiconductor MUN5233T1 Datasheet HTML 6Page - ON Semiconductor MUN5233T1 Datasheet HTML 7Page - ON Semiconductor MUN5233T1 Datasheet HTML 8Page - ON Semiconductor MUN5233T1 Datasheet HTML 9Page - ON Semiconductor MUN5233T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MUN5211T1 Series
http://onsemi.com
9
TYPICAL APPLICATIONS FOR NPN BRTs
LOAD
+12 V
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
IN
OUT
VCC
ISOLATED
LOAD
FROM mP OR
OTHER LOGIC
+12 V
Figure 23. Open Collector Inverter:
Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source


Similar Part No. - MUN5233T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5233T1 MOTOROLA-MUN5233T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
MUN5233T1 ONSEMI-MUN5233T1 Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5233T1G ONSEMI-MUN5233T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5233T1G ONSEMI-MUN5233T1G Datasheet
441Kb / 16P
   Bias Resistor Transistor
October, 2010 -- Rev. 9
MUN5233T1G ONSEMI-MUN5233T1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
August, 2012 ??Rev. 0
More results

Similar Description - MUN5233T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5211T1 MOTOROLA-MUN5211T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
DTC114EET1 ONSEMI-DTC114EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com