Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2211 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MUN2211
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2211 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MUN2211 Datasheet HTML 4Page - ON Semiconductor MUN2211 Datasheet HTML 5Page - ON Semiconductor MUN2211 Datasheet HTML 6Page - ON Semiconductor MUN2211 Datasheet HTML 7Page - ON Semiconductor MUN2211 Datasheet HTML 8Page - ON Semiconductor MUN2211 Datasheet HTML 9Page - ON Semiconductor MUN2211 Datasheet HTML 10Page - ON Semiconductor MUN2211 Datasheet HTML 11Page - ON Semiconductor MUN2211 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MUN2211T1 Series
http://onsemi.com
10
TYPICAL ELECTRICAL CHARACTERISTICS − MUN2237T1
100
1
010
20
30
40
5
100
10
02
4
1.4
1
0.6
0.2
0
0
5
10
15
20
25
30
35
40
45
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 27. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
010
20
30
40
Figure 28. DC Current Gain
1
100
IC, COLLECTOR CURRENT (mA)
Figure 29. Output Capacitance
Figure 30. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 31. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
VCE = 10 V
1000
100
1
10
f = 1 MHz
lE = 0 V
TA = 25°C
TA = −25°C
25°C
75°C
75°C
25°C
TA = −25°C
VO = 5 V
VO = 0.2 V
TA = −25°C
25°C
75°C
IC/IB = 10
TA = −25°C
25°C
75°C
1.8
6
8
10
12
14
16
1
0.001
15
25
10
515
25
35
10
1.6
1.2
0.8
0.4
2
0.1
0.01
35


Similar Part No. - MUN2211

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MUN2211 ONSEMI-MUN2211 Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - MUN2211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com