Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62732FU Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB62732FU
Description  The step up type DC-DC converter only for white LED driver lighting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62732FU Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB62732FU Datasheet HTML 5Page - Toshiba Semiconductor TB62732FU Datasheet HTML 6Page - Toshiba Semiconductor TB62732FU Datasheet HTML 7Page - Toshiba Semiconductor TB62732FU Datasheet HTML 8Page - Toshiba Semiconductor TB62732FU Datasheet HTML 9Page - Toshiba Semiconductor TB62732FU Datasheet HTML 10Page - Toshiba Semiconductor TB62732FU Datasheet HTML 11Page - Toshiba Semiconductor TB62732FU Datasheet HTML 12Page - Toshiba Semiconductor TB62732FU Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TOSHIBA
T B 6 2 7 3 2 F U
27, Feb 2002 (Ver.04)
9
ABOUT THE CURRENT DERATING FUNCTION
As for the LED current, generally the current derating recommended against the rise in the ambient temperature.
The TB62732FU aims at turning on white LED of the back light illuminant of the color LCD safely and efficiently,
and builds in the current derating function which set temperature was presumed.
This IC has the character which makes the current 100(%) in the case of Tjs=45 (degree) and which makes
the current 0(%) again in the case of Tjs=100 (degree) corresponding to internal detection temperature Tjs.
When it is seen from set temperature Ta (degree), the temperature that self-fever temperature Tup (degree)
in the operation was reduced from Tjs = 45 (degree) becomes a starting temperature Ts (degree).
Starting temperature Ts (degree) = 45 (degree) - self-fever temperature Tup (degree)
--- Form 4
Therefore, the derating character functions as the figure 6, and shows internal detection temperature Tjs and
the rate of change of the outout current.
Self-fever temperature Tup (degree) in the operation is calculated with the Form 5.
Self-fever temperature Tup (degree)
---- ceremony 5
= (P loss (W) - P parts(W))*Rth(j-a) (degree/W)
It is described in the following about each clause.
DC resistance of the inductance : RDC(ohm), Forward current of LED : IF LED(A),
Total forward voltage of LED : VF LED(V), Forward voltage : VF schottky(V),
Setup resistance : R_sens(ohm), Power loss of lighting circuit : P loss(W)=(Po/efficiency)-Po(W),
Power loss of parts : P parts(W)=RDC*Iin+VF schottky*IF LED+R_sens*IF LED*IF LED,
Saturation thermal resistance of package :
Rth(j-a) (degree/W) =< 260 - - - when on board, muximum
Output power :
Po(W) = VF LED*Io(A)
Input power :
Pi(W) = Vin (V)*Iin(A)
Efficiency :
Efficiency(%)=100*(Po/Pi)
Example : When the measurement of the lighting circuit tightened each following value.
RDC=0.5(ohm), Po=320(mW), Iin=0.1(A), Io=20(mA), R_sens=1.8(ohm), VF schottky=0.3(V),
Efficiency=70(%)
In this case, self-fever temperature Tup
Tup (degree)= ((0.32-(0.32*0.7))-(0.5*0.1+0.3*0.0196+2.7*0.0196*0.0196))*260 =10.16 (degree)
Start temperatue Ts(degree)=45(degree)-10.16(degree)=33.4(degree)
Io is controlled as the Fig 6 as a result within the recommendation current area of LED.
The saturation thermal resistance Rth(j-a) = 260 (degree /W) is maximum value. They sometimes become
the Rth(j-a) = 210 - 260 (degree /W) by mounting.
And, the individual difference is formed in the starting temperature with the character of the IC and the influence
of the difference in the environment of the use.
Fig 6 : the derating function of the setup current
0
25
50
75
100
Ts/Tjs (degree)
0
20
40
60
80
100
120
The change of
Ts=34.4(degree)
(20mA=100%)
The
recommendation
current area of LED
(25mA conversion)
The change by Tjs


Similar Part No. - TB62732FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
More results

Similar Description - TB62732FU

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62763FMG TOSHIBA-TB62763FMG Datasheet
611Kb / 15P
   Step Up Type DC/DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
logo
Marktech Corporate
TB62752AFUG MARKTECH-TB62752AFUG Datasheet
189Kb / 6P
   Step Up Type DC/DC Converter for White LED
TB62750FTG MARKTECH-TB62750FTG Datasheet
205Kb / 10P
   Step Up Type DC-DC Converter for White LED
TB62734FMG MARKTECH-TB62734FMG Datasheet
436Kb / 14P
   Step Up Type DC-DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com