Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1205P2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1205P2
Description  Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1205P2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1205P2 Datasheet HTML 6Page - ON Semiconductor NCP1205P2 Datasheet HTML 7Page - ON Semiconductor NCP1205P2 Datasheet HTML 8Page - ON Semiconductor NCP1205P2 Datasheet HTML 9Page - ON Semiconductor NCP1205P2 Datasheet HTML 10Page - ON Semiconductor NCP1205P2 Datasheet HTML 11Page - ON Semiconductor NCP1205P2 Datasheet HTML 12Page - ON Semiconductor NCP1205P2 Datasheet HTML 13Page - ON Semiconductor NCP1205P2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP1205
http://onsemi.com
10
In order to clarify the device behavior, we can distinguish the
following simplified operating phases:
1. The load is at its nominal value. The SMPS operates in
borderline conduction mode and the switching
frequency is imposed by the external elements (Vin,
Lp, Ip, Vout). The MOSFET is turned on at the
minimum drain–source level.
2. The load starts to decrease and the free–running
frequency hits the internal clamp.
3. The frequency can no longer naturally increase
because of the clamp. The frequency is now controlled
by the internal VCO but remains constant. The peak
current finds no other option that diminishing to satisfy
equation (1).
4. The peak current has reached the internal minimum
ceiling level and is now frozen for the remaining
cycles.
5. To further reduce the transmitted power (VFB goes up),
the VCO decreases the switching frequency. In case of
output overshoot, the VCO could decrease the
frequency down to zero. When the overshoot has gone,
VFB diminishes again and the IC smoothly resumes its
operation.
Advantages of the Method
By implementing the aforementioned control scheme, the
NCP1205 brings the following advantages:
Discontinuous only operation: in DCM, the Flyback is
a first order system (at low frequencies) and thus
naturally eases the feedback loop compensation.
A low–cost secondary rectifier can be used due to
smooth turn–off conditions.
Valley switching ensures minimum switching losses
brought by Coss and all the parasitic capacitances.
By folding back the switching frequency, you turn the
system into Pulse Duration Modulation. This method
prevents from generating uncontrolled output ripple as
with hysteretic controllers.
By letting you control the peak current value at which
the frequency goes down, you ensure that this level is
low enough to avoid transformer acoustic noise
generation even at audible frequencies.
Detailed Description
The following sections describe the internal behavior of
the NCP1205.
Free–Running Operation
As previously said, the operating frequency at nominal load
is dictated by the external elements. We can split the different
switching sections in two separated instants. In the following
text we use the internal error voltage, Verr. This level is
elaborated as Figure 14 portrays. Verr is linked to VFB (pin 4)
by the following formula:
(eq. 2)
Verr
+ 10 * 3·VFB
ON time: The ON time is given by the time it takes to
reach the peak current setpoint imposed by the level on FB
pin (pin 4). Since this level is internally divided by three, the
peak setpoint is simply:
Ipk
+
1
3 · Rsense
· Verr
(eq. 3)
The rising slope of the peak current is also dependent on
the inductance value and the rectified DC input voltage by:
dIL
dt
+
VinDC
Lp
(eq. 4)
By combining both equations, we obtain the ON time
definition:
ton
+
Lp
VinDC
·Ip
+
Lp·VERR
VinDC ·3·Rsense
(eq. 5)
OFF time: The time taken by the demagnetization of the
transformer depends on the reset voltage applied at the
switch opening. During the conduction time of the
secondary diode, the primary side of the transformer
undergoes a reflected voltage of: [Np/Ns . (Vf + Vout)]. This
voltage applied on the primary inductance dictates the time
needed to decrease from Ip down to zero:
toff
+
Lp
Np
Ns · (Vout ) Vf)
(eq. 6)
·Ip
+
Lp · Verr
Np
Ns · (Vout ) Vf)
·3·Rsense
By adding ton + toff, we obtain the natural switching
frequency of the SMPS operating in Borderline Conduction
Mode (BCM):
(eq. 7)
ton
) toff +
Verr · Lp
3 · Rsense
·
1
VinDC
)
1
Np
Ns · (Vout ) Vf)


Similar Part No. - NCP1205P2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1205P2 ONSEMI-NCP1205P2 Datasheet
268Kb / 17P
   Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
October, 2006 ??Rev. 7
NCP1205P2G ONSEMI-NCP1205P2G Datasheet
268Kb / 17P
   Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
October, 2006 ??Rev. 7
More results

Similar Description - NCP1205P2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1205 ONSEMI-NCP1205_06 Datasheet
268Kb / 17P
   Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
October, 2006 ??Rev. 7
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
UCC2884 TI1-UCC2884 Datasheet
324Kb / 12P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
Monolithic Power System...
MP3910 MPS-MP3910 Datasheet
679Kb / 23P
   Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
logo
ON Semiconductor
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Lowpower Semiconductor ...
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
   1.4MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
   1.3MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com