Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN43N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN43N60
Description  HiPerFET Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN43N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN43N60 Datasheet HTML 1Page - IXYS Corporation IXFN43N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
TO-264 AA (IXFK)
Features
· International standard packages
· Encapsulating epoxy meets
UL94V-0, flammability classification
· miniBLOC with Aluminium nitride
isolation
· Low R
DS (on) HDMOS
TM process
· Rugged polysilicon gate cell structure
· Unclamped Inductive Switching (UIS)
rated
· Low package inductance
· Fast intrinsic Rectifier
Applications
· DC-DC converters
· Synchronous rectification
· Battery chargers
· Switched-mode and resonant-mode
power supplies
· DC choppers
· Temperature and lighting controls
· Low voltage relays
Advantages
· Easy to mount
· Space savings
· High power density
G = Gate
D = Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
S
G
D
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Max.
V
DSS
V
GS= 0 V, ID = 3mA
600
V
V
GH(th)
V
DS = VGS, ID = 8mA
2
4
V
I
GSS
V
GS= ±20 VGE = 0
±200
nA
I
DSS
V
DS= 0.8 • VDSS V
T
J =
25
°C
400
mA
V
GS= 0 V
T
J = 125 °C2
mA
R
DS(on)
V
GS= 10 V, ID = 0.5 • ID25
43N60
0.13
W
Pulse test, t
£ 300 ms,
40N60
0.15
W
duty cycle d
£ 2 %
97503 A(7/97)
HiPerFETTM
Power MOSFET
Single MOSFET Die
ADVANCE INFORMATION
Symbol
Test Conditions
Maximum Ratings
IXFK
IXFK
IXFN
IXFN
43N60 40N60
43N60
40N60
V
DSS
T
J
= 25°C to 150°C
600
600
V
V
DGR
T
J
= 25°C to 150°C
600
600
V
V
GS
Continuous
±20
±20
V
V
GSM
Transient
±30
±30
V
I
D25
T
C
= 25
°C43
40
43
40
A
I
DM‚
T
C
= 25
°C
172
160
172
160
A
I
AR
T
C
= 25
°C43
40
43
40
A
E
AR
T
C
= 25
°C60
60
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
560
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
N/A
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
N/A
2500
V~
I
ISOL £ 1 mA
t = 1 s
N/A
3000
V~
M
d
Mounting torque
0.9/6
1.5/13 Nm/lb.in.
Terminal connection torque
N/A
1.5/13 Nm/lb.in.
Weight
10
30
g
V
DSS
I
D25
R
DS(on)
t
rr
IXFN 43N60
600V
43A
0.13
W 200ns
IXFN 40N60
600V
40A
0.15
W 200ns
IXFK 43N60
600V
43A
0.13
W 200ns
IXFK 40N60
600V
40A
0.15
W 200ns
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFN43N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN400N15X3 IXYS-IXFN400N15X3 Datasheet
153Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
   Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
141Kb / 5P
   Power MOSFET
IXFN40N110P IXYS-IXFN40N110P_V01 Datasheet
141Kb / 5P
   Power MOSFET
IXFN40N110Q3 IXYS-IXFN40N110Q3 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
More results

Similar Description - IXFN43N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
   HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
   HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
   HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
   HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
   HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
   HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
   HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
   HiPerFET Power MOSFET
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
   HiPerFET Power MOSFET
IXFK55N50 IXYS-IXFK55N50 Datasheet
577Kb / 4P
   HiPerFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com