Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62216FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62216FP
Description  Low Voltage Operation STEP-UP DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62216FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M62216FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI SEMICONDUCTOR<STD-Linear IC>
M62216FP/GP
(
/ 8 )
Low Voltage Operation STEP-UP DC-DC Converter
7
*1, *2 : These characteristics show the maximum output load current when start-up.
Therefore, output voltage can grown-up to setting voltage less than a curve in the
graph when using these external components value.
( • 2SC3052-F : hFE=250 ~ 500, 2SC3439-H : hFE=600 ~ 1200)
EFFICIENCY vs. LOAD CURRENT
(Standard Application circuit:
VIN=1.5V,Vo=3.0V, Ta=25°C)
0
20
40
60
80
100
1
10
100
1000
LOAD CURRENT Io (mA)
Tr:2SC3052-F
Tr:2SC3439-H
MAX LOAD CURRENT FOR START-UP(*2)
vs. INPUT VOLTAGE
(Application circuit 1: Vo=5.0V, Ta=25°C)
0
25
50
75
100
125
150
175
200
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE VIN (V)
Tr:2SC3052-F,L:150µH,
RD1:750
Ω,RD2:3.6KΩ
Tr:2SC3439-H,L:22µH,
RD1:1.3K
Ω,RD2:6.8KΩ
1
10
100
1000
LOAD CURRENT Io (mA)
0
20
40
60
80
100
EFFICIENCY vs. LOAD CURRENT
(Application circuit 1: VIN=3.0V,Vo=5.0V, Ta=25°C)
Tr:2SC3052-F
Tr:2SC3439-H


Similar Part No. - M62216FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
More results

Similar Description - M62216FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com