Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS800-12IO1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS800-12IO1
Description  Phase Control Thyristor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS800-12IO1 Datasheet(HTML) 2 Page - IXYS Corporation

  CS800-12IO1 Datasheet HTML 1Page - IXYS Corporation CS800-12IO1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Dimensions in mm (1 mm = 0.0394")
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
50
mA
V
T
I
T
= 3.14 I
TAVM ;TVJ = 25°C
1.7
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.95
V
r
T
0.33
m
V
GT
V
D = 12 V;
T
VJ = 25°C
2.5
V
I
GT
V
D = 12 V;
T
VJ = 25°C
280
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
0.25
V
I
L
T
VJ = 25°C; tP = 10 µs
1.0
A
I
G = 2 A; diG/dt = 2 A/µs
I
H
T
VJ = 25°C; VD = 12 V; RGK = ∞≤
0.3
A
t
gd
T
VJ = 25°C; VD = 500 V
2.5
µs
I
G = 2 A; diG/dt = 2 A/µs
t
q
T
VJ = TVJM; IT = 800 A, tP = 200 µs; di/dt = -10 A/µs typ.
150
µs
V
R = 100 V; dv/dt = 50 V/µs; VD = 2/3 VDRM
R
thJC
0.035
K/W
CS 800


Similar Part No. - CS800-12IO1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS80-E2GA102MYGSA TDK-CS80-E2GA102MYGSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS80-E2GA102MYNSA TDK-CS80-E2GA102MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS80-E2GA102MYVSA TDK-CS80-E2GA102MYVSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Intersil Corporation
CS80C286-12 INTERSIL-CS80C286-12 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
CS80C286-12 INTERSIL-CS80C286-12 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - CS800-12IO1

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com