Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8104 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT8104
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8104 Datasheet(HTML) 1 Page - Texas Instruments

  PT8104 Datasheet HTML 1Page - Texas Instruments PT8104 Datasheet HTML 2Page - Texas Instruments PT8104 Datasheet HTML 3Page - Texas Instruments PT8104 Datasheet HTML 4Page - Texas Instruments PT8104 Datasheet HTML 5Page - Texas Instruments PT8104 Datasheet HTML 6Page - Texas Instruments PT8104 Datasheet HTML 7Page - Texas Instruments PT8104 Datasheet HTML 8Page - Texas Instruments PT8104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
1
Standard Application (See p.3 for PT8104 application schematic)
PT8100 Series
Description
The PT8100 Excalibur™ power
modules are a family of high-output,
high-efficiency, fully integrated
switching regulators (ISRs), housed
in a solderable 31-pin space-saving
copper package. Modules are avail-
able for operation from either a 3.3V
or 5V nominal input bus voltage.
Each provides up to 40A of output
current at output voltages as low
as 0.8V. The output voltage is pro-
grammable via a 5-bit input code.
The PT8100 series incorporates
a state-of-the-art, 2-phase, multiple
power path topology. This extends
the output current range while pro-
viding superior transient response
Features
40ADC Output Current
+3.3V or +5V Input
Low Output Voltages:
0.8V—2.7V
High Efficiency
Programmable Output:
(VRM Compatible 5-bit Codes)
Multiphase Topology
C1
= Required 1500µF electrolytic input capacitor
C2
= Required 660µF low ESR OS-Con®, or
1,200µF aluminum electrolytic
Lin/C3 = Optional input filter components. 1µH input
choke and 100µF electroytic capacitor.
Ordering Information
Output Voltage
Input
Part No.
Progam Range
Bus
PT8101
H =1.300 to 2.70V
5V
PT8102
H =1.075 to 1.85V
5V
PT8103
H =1.075 to 1.85V
3.3V
PT8104
H =1.050 to 1.825V 5V
PT8105
H =0.800 to 1.575V 3.3V
40-A 3.3/5-V Input Programmable
Integrated Switching Regulator
SLTS157A
(Revised 8/23/2002)
PT8100 Series
(Except PT8104)
43
21
31
23–30
6
17–22
12–16
L
O
A
D
C
2
660µF
Required
+
C
1
1,500µF
Required
+
PROGRAMMING PINS
V
IN
V
OUT
GND
REMOTE SENSE
STBY*
VID0
VID1
VID2
VID3
L
1
1µH
GND
VID4
5
VID
Common
11
C
3
100µF
Optional
+
and input current ripple performance.
The modules are designed for high-
end computing and signal processing
applications, both of which demand
high output currents at low supply
voltages.
The modules have a number of
standard features to facilitate system
integration. These include short-
circuit protection, thermal shutdown,
standby (On/Off) control, and an
output remote sense to compensate
for voltage drop between the regu-
lator and the load. In addition, the
voltage programming codes are
compatible with Intel’s® VRM
specifications.
Output Remote Sense
Short-Circuit Protection
Thermal Shutdown
Standby On/Off Control
Space-Saving Package
Solderable Copper Case
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKH)
Horizontal
A
(EKF)
SMD
C
(EKG)
(Reference the applicable package code drawing for
the dimensions and PC board layout)


Similar Part No. - PT8104

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
More results

Similar Description - PT8104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com