Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EW162G0GLW Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EW162G0GLW
Description  LCD DISPLAY MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EW162G0GLW Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EW162G0GLW Datasheet HTML 4Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 5Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 6Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 7Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 8Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 9Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 10Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 11Page - List of Unclassifed Manufacturers EW162G0GLW Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
02101300-01-02
E M E R G I N G
D I S P L A Y
MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION
162G0(WHITE LED TYPES)(RoHS)
1
7
9 .
INTERFACE SIGNALS
PIN NO.
SYMBOL
DESCRIPTION
FUNCTION
1
VSS
GROUND
0V (GND)
2
VDD
POWER SUPPLY FOR LOGIC
CIRCUIT
+5V
3
VO
LCD CONTRAST ADJUSTMENT
4
RS
INSTRUCTION/DATA
REGISTER SELECTION
RS = 0 : INSTRUCTION
REGISTER
RS = 1 : DATA
REGISTER
5
W
/
R
READ/WRITE SELECTION
W
/
R= 0 : REGISTER
WRITE
W
/
R= 1 : REGISTER
READ
6
E
ENABLE INPUT
7
DB0
8
DB1
9
DB2
4 BIT/8BIT
10
DB3
DATA INPUT/OUTPUT LINES
SELECTABLE
11
DB4
4 BIT : DB4 - DB7
12
DB5
8 BIT : DB0 - DB7
13
DB6
14
DB7
15
VLED
POWER SUPPLY FOR LED
BACKLIGHT (ANODE)
16
VLSS
POWER SUPPLY FOR LED
BACKLIGHT (CATHODE)
0V(GND)


Similar Part No. - EW162G0GLW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EW162 ETC2-EW162 Datasheet
749Kb / 1P
   1/8 WATT METAL
More results

Similar Description - EW162G0GLW

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM6448-S HANTRONIX-HDM6448-S Datasheet
217Kb / 17P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-TFH CRYSTAIFONTZ-CFAG12864T2-TFH Datasheet
537Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM64GS12-R HANTRONIX-HDM64GS12-R Datasheet
126Kb / 13P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-NFH CRYSTAIFONTZ-CFAG12864T2-NFH Datasheet
556Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM32GS12-8 HANTRONIX-HDM32GS12-8 Datasheet
131Kb / 14P
   LCD DISPLAY MODULE
HDM128GS24-1 HANTRONIX-HDM128GS24-1 Datasheet
138Kb / 10P
   LCD DISPLAY MODULE
HDM3224-CWL HANTRONIX-HDM3224-CWL Datasheet
608Kb / 17P
   LCD DISPLAY MODULE
logo
List of Unclassifed Man...
ULCD43(GFX) ETC2-ULCD43(GFX) Datasheet
3Mb / 25P
   4.3??LCD Display Module
ULCD-28PT(GFX) ETC2-ULCD-28PT(GFX) Datasheet
2Mb / 24P
   2.8??LCD Display Module
ULCD-144(SGC) ETC2-ULCD-144(SGC) Datasheet
1Mb / 18P
   Serial LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com