Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-B64-EU-BM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-B64-EU-BM
Description  Battery Charger Current Source Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-B64-EU-BM Datasheet(HTML) 2 Page - Vicor Corporation

  VI-B64-EU-BM Datasheet HTML 1Page - Vicor Corporation VI-B64-EU-BM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12 1-800-735-6200
75
BatMod
DC Input
Gate In
Gate Out
+Out
–Out
+In
–In
External
Control
Functions
+
12-48V
Battery
TRIM
V
TRIM
I
MON
I
DC Input
BatMod
Gate In
Gate Out
+Out
–Out
+In
–In
External
Control
Functions
+
Load
TRIM
V
TRIM
I
MON
I
+.030 (0,76)
-.000
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
Pin #
1
2
3
4
5
6*
7*
8*
9
Function
+In
Gate In
Gate Out
-In
+Out
VTRIM
ITRIM
IMON
-Out
* Do not connect on
Booster modules
Aluminum Base
.01
.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.080 (2,0) Dia (2) places
Solder plate
over copper alloy
.30 (7,6)
±.015 (0,38)
1.80
(45,7)
4.20 (106,7)
.50 (12,7)
.22 (5,6) MIN
.12 (3,0)
4.60 (116,8)
2.40 (61,0)
1.75 (44,5)
.30 (7,6)
Min
.15
(3,8)
2.10
(53,3)
.40
(10,2)
.35 (8,9)
±.015 (0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
3.60 (91,4)
.50
(12,7)
.15
(3,8)
BatMod
Typical Applications
Mechanical Diagram
DC Input Battery Charger
DC Input Programmable Current Source


Similar Part No. - VI-B64-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-B64-EU-BM VICOR-VI-B64-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
More results

Similar Description - VI-B64-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-231-EU-BM VICOR-VI-231-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
   BatMod Battery Charger Current Source Modules
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Microsemi Corporation
LX2205 MICROSEMI-LX2205 Datasheet
320Kb / 14P
   1A Li-Ion Battery Charger with Power Source Management
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com