Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62212FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62212FP
Description  GENERAL PURPOSE DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62212FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62212FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62212FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(
/ 8 )
MITSUBISHI SEMICONDUCTORS <Standard Linear ICs>
M62212P/FP/GP
GENERAL PURPOSE DC-DC CONVERTER
Electrical Characteristics ( Ta=25°C, Vcc =12V, Cosc=100pF unless otherwise noted )
Collector output saturation voltage 1
Collector output saturation voltage 2
VSAT1
VSAT2
V
V
0.3
1.6
1.1
IC=150mA,VE=0V
IE=50mA,VC=12V
FB threshold voltage
Latch mode "H" threshold voltage
Latch mode "L" threshold voltage
DTC charge current when start-up
DTC discharge current 1
DTC charge current when stable state
Collector output leak current
VTH FB
VTH DTC
VTL DTC
I CH1
I DIS1
I CH2
I CL
VIN =1V,VDTC=0.7V
V
V
V
µA
µA
µA
µA
-45
50
-10
-1
1
VIN =1V,VFB =2.11V
VIN =1V,VFB =2.11V
VDTC=0.7V,VFB =2.11V
VDTC=0.7V,VFB =2.11V
VDTC=0.7V,VFB = 0.7V
VCE=18V , VCC=18V
1.86
1.15
0.3
I DIS2
DTC discharge current 2
VDTC=0.2V,VFB =2.11V
µA
15
Symbol
Items
Test condition
Limits
Min
Typ
Max
Block
Short
pro-
tection
circuit
Units
Output
section
Emitter follower,
Emitter GND,
3


Similar Part No. - M62212FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
More results

Similar Description - M62212FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com