Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62211 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62211
Description  GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62211 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M62211 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62211 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI SEMICONDUCTORS <Standard-Linear>
M62211P/FP
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
(
/ 9 )
1-2 Setting Up TIN
1) Setting Up the Level
The TIN terminal is shown in Fig.a. In order for the level of TIN to satisfy the conditions shown in
the table below, the external circuits shown in Fig.b or Fig.c should be used when the external
voltage level of the input is high.
Items
TIN "H" level
TIN "L" level
Symbols
Unit
min
typ
max
VTINH
VTINL
2.2
VCC
1.0
V
V
2) Setting Up frequency
The periodical change of TIN is expected to be +30% ~ -20%. The fIN is set to
approximately 1.5 times fOSC
fIN = 1.5 * fOSC
fsoc
(Hz)
1
1.3µs+(23 * 10 * Cosc )
3
5
GND
100K
50K
Fig.a
5
5
Fig.b
Fig.c
3
TIN
COSC
TIN
6


Similar Part No. - M62211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62211FP RENESAS-M62211FP Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
More results

Similar Description - M62211

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
AiT Semiconductor Inc.
A7531 AITSEMI-A7531 Datasheet
823Kb / 14P
   DC-DC CONVERTER/BOOST(STEP-UP) HIGH EFFICIENCY, MULTI-FUNCTION
REV2.2
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
   Multi-Channel DC-DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com