Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12C600B Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375A12C600B
Description  375Vin / 12Vout / 600Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12C600B Datasheet(HTML) 4 Page - Vicor Corporation

  V375A12C600B Datasheet HTML 1Page - Vicor Corporation V375A12C600B Datasheet HTML 2Page - Vicor Corporation V375A12C600B Datasheet HTML 3Page - Vicor Corporation V375A12C600B Datasheet HTML 4Page - Vicor Corporation V375A12C600B Datasheet HTML 5Page - Vicor Corporation V375A12C600B Datasheet HTML 6Page - Vicor Corporation V375A12C600B Datasheet HTML 7Page - Vicor Corporation V375A12C600B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375A12C600B DC-DC Converter
Rev. 3
Page 4 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PC PIN
Module Enable/Disable
The module may be disabled by pulling PC below 2.3V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will shut
down and PC will go low. PC will periodically go high and the
module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin will
go low in the event of a fault and return to its normal state after
the fault has been cleared. See Figures 2 and 4.
+In
PC
PR
–In
Disable
Disable = PC <2.3V
Figure 1—Module enable/disable.
Figure 3—LED on-state indicator.
+In
PC
PR
–In
4k
"Module
Enabled"
+In
PC
PR
–In
Optocoupler
4k
Alarm
1.00V
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Input Undervoltage
2-20ms typ.
f (VIN)
Auto
Restart
5.7Vdc
(0-3mA)
50
SW2
SW3
1.23
Vdc
6K
1K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage
Overtemperature
Module Faults
Figure 2—PC/SC module alarm logic.
Figure 5—Isolated on-state indicator.
2-20ms typ.
Fault
SC
PC
1.23V
5.7V
40
µs typ.
Figure 4—PC/SC module alarm timing.
Figure 6—Secondary side on-state indicator.
Primary Auxiliary Supply
At 5.7V, PC can source up to 1.5mA. In the example shown in
Figure 3, PC powers a module enabled LED.


Similar Part No. - V375A12C600B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12C600BF2 VICOR-V375A12C600BF2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375A12C600BG2 VICOR-V375A12C600BG2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375A12C600BL2 VICOR-V375A12C600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375A12C600BN2 VICOR-V375A12C600BN2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375A12C600BS2 VICOR-V375A12C600BS2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
More results

Similar Description - V375A12C600B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A15C600B VICOR-V375A15C600B Datasheet
152Kb / 8P
   375Vin / 15Vout / 600Watts DC-DC Converter Module
V375B12C300B VICOR-V375B12C300B Datasheet
145Kb / 8P
   375Vin / 12Vout / 300Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
V375A48C600A VICOR-V375A48C600A Datasheet
194Kb / 8P
   375Vin / 48Vout / 600Watts DC-DC Converter Module
V375A54C600B VICOR-V375A54C600B Datasheet
152Kb / 8P
   375Vin / 54Vout / 600Watts DC-DC Converter Module
V375C12C150B VICOR-V375C12C150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375A28C600B VICOR-V375A28C600B Datasheet
150Kb / 8P
   375Vin / 28Vout / 600Watts DC-DC Converter Module
V375A48C600B VICOR-V375A48C600B Datasheet
150Kb / 8P
   375Vin / 48Vout / 600Watts DC-DC Converter Module
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com