Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F160M015 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V048F160M015
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F160M015 Datasheet(HTML) 4 Page - Vicor Corporation

  V048F160M015 Datasheet HTML 1Page - Vicor Corporation V048F160M015 Datasheet HTML 2Page - Vicor Corporation V048F160M015 Datasheet HTML 3Page - Vicor Corporation V048F160M015 Datasheet HTML 4Page - Vicor Corporation V048F160M015 Datasheet HTML 5Page - Vicor Corporation V048F160M015 Datasheet HTML 6Page - Vicor Corporation V048F160M015 Datasheet HTML 7Page - Vicor Corporation V048F160M015 Datasheet HTML 8Page - Vicor Corporation V048F160M015 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K160T015
Rev. 1.0
Page 4 of 15
V•I Chip Voltage Transformation Module
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
10
µs
PC low to Vout low
VTM Control (VC)
External boost voltage
12.0
14.0
19.0
Vdc
Required for VTM start up without PRM
External boost duration
10
ms
Vin > 26 Vdc. VC must be applied continuously
if Vin < 26 Vdc.
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
2,250
Vdc
Input to Output
Capacitance
3,000
pF
Input to Output
Resistance
10
MΩ
Input to Output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
Mechanical parameters
See Mechanical Drawing, Figures 10 and 12
Weight
0.5 / 14.0
oz / g
Dimensions
Length
1.26 / 32
in / mm
Width
0.85 / 21.5
in / mm
Height
0.23 / 5.9
in / mm
General
Figure 7— 0-15.0 A step load change with 47 µF input capacitance and no
output capacitance.
Figure 8— 15.0-0 A step load change with 47 µF input capacitance and no
output capacitance.
Electrical Specifications (continued)


Similar Part No. - V048F160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F160M015 VICOR-V048F160M015 Datasheet
1Mb / 11P
   VTM Current Multiplier
logo
Powerbox
V048F160M015 POWERBOX-V048F160M015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F160M015 VICOR-V048F160M015 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
More results

Similar Description - V048F160M015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com