Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048K096M025 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048K096M025
Description  VI Chip - VTM Voltage Transformation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K096M025 Datasheet(HTML) 3 Page - Vicor Corporation

  V048K096M025 Datasheet HTML 1Page - Vicor Corporation V048K096M025 Datasheet HTML 2Page - Vicor Corporation V048K096M025 Datasheet HTML 3Page - Vicor Corporation V048K096M025 Datasheet HTML 4Page - Vicor Corporation V048K096M025 Datasheet HTML 5Page - Vicor Corporation V048K096M025 Datasheet HTML 6Page - Vicor Corporation V048K096M025 Datasheet HTML 7Page - Vicor Corporation V048K096M025 Datasheet HTML 8Page - Vicor Corporation V048K096M025 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048K096T025
Rev. 1.0
Page 3 of 15
PRELIMINARY
Figure 1— Input reflected ripple current at full load and 48 Vf.
Efficiency vs. Output Current
87
88
89
90
91
92
93
94
95
96
97
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 3— Efficiency vs. output current at 48 Vf.
Power Dissipation
0
1
2
3
4
5
6
7
8
9
10
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 4—Power dissipation as a function of output current at 48 Vf.
Waveforms
Figure 6—Output voltage ripple at full load and 9.6 Vout with 10 µF
ceramic external bypass capacitance and 20 nH distribution inductance.
Figure 5— Output voltage ripple at full load and 9.6 Vout; without any
external bypass capacitor.
Ripple vs. Output Current
0
20
40
60
80
100
120
140
160
180
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 2— Output voltage ripple vs. output current at 9.6 Vout with no
POL bypass capacitance.
Electrical Specifications (continued)


Similar Part No. - V048K096M025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T090 VICOR-V048K015T090 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
More results

Similar Description - V048K096M025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com