Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8L-45CIA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WMS512K8L-45CIA
Description  512Kx8 MONOLITHIC SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS512K8L-45CIA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WMS512K8L-45CIA Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8L-45CIA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
HI-RELIABILITY PRODUCT
WMS512K8-XXX
512Kx8 MONOLITHIC SRAM, SMD 5962-95613
FEATURES
s Access Times 15, 17, 20, 25, 35, 45, 55ns
s MIL-STD-883 Compliant Devices Available
s Revolutionary, Center Power/Ground Pinout
JEDEC Approved
• 36 lead Ceramic SOJ (Package 100)
• 36 lead Ceramic Flat Pack (Package 226)
s Evolutionary, Corner Power/Ground Pinout
JEDEC Approved
• 32 pin Ceramic DIP (Package 300)
• 32 lead Ceramic SOJ (Package 101)
• 32 lead Ceramic Flat Pack (Package 220)
• 32 lead Ceramic Flat Pack (Package 142)
s 32 pin, Rectangular Ceramic Leadless Chip Carrier
(Package 601)
s Commercial, Industrial and Military Temperature Range
s 5 Volt Power Supply
s Low Power CMOS
s Low Power Data Retention for Battery Back-up Operation
s TTL Compatible Inputs and Outputs
REVOLUTIONARY PINOUT
EVOLUTIONARY PINOUT
32 DIP
32 CSOJ (DE)
32 FLAT PACK (FE)*
32 FLAT PACK (FD)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CS
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
A18
A17
A16
A15
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A14
A13
A12
A11
A10
NC
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS
Chip Select
OE
Output Enable
WE
Write Enable
VCC
+5.0V Power
GND
Ground
PIN DESCRIPTION
36 FLAT PACK
36 CSOJ
TOP VIEW
October 2000 Rev. 4
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4321 32 31 30
14 15 16 17 18 19 20
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
WE
A13
A8
A9
A11
OE
A10
CS
I/O7
TOP VIEW
32 CLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
*Package not recommended for new designs, "FD" recommended for new designs.


Similar Part No. - WMS512K8L-45CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8L-45CI WEDC-WMS512K8L-45CI Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results

Similar Description - WMS512K8L-45CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com