Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F0034AGB-8EU Datasheet(PDF) 5 Page - NEC

Part # UPD78F0034AGB-8EU
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F0034AGB-8EU Datasheet(HTML) 5 Page - NEC

  UPD78F0034AGB-8EU Datasheet HTML 1Page - NEC UPD78F0034AGB-8EU Datasheet HTML 2Page - NEC UPD78F0034AGB-8EU Datasheet HTML 3Page - NEC UPD78F0034AGB-8EU Datasheet HTML 4Page - NEC UPD78F0034AGB-8EU Datasheet HTML 5Page - NEC UPD78F0034AGB-8EU Datasheet HTML 6Page - NEC UPD78F0034AGB-8EU Datasheet HTML 7Page - NEC UPD78F0034AGB-8EU Datasheet HTML 8Page - NEC UPD78F0034AGB-8EU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
µPD78F0034A, 78F0034AY
5
Data Sheet U14040EJ4V0DS
OVERVIEW OF FUNCTIONS
Part Number
µPD78F0034A
µPD78F0034AY
Item
Internal
Flash memory
32 KBNote
memory
High-speed RAM
1,024 bytesNote
Memory space
64 KB
General-purpose registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
On-chip minimum instruction execution time cycle variable function
When main system
0.24
µs/0.48 µs/0.95 µs/1.91 µs/3.81 µs (@ 8.38 MHz operation)
clock selected
When subsystem
122
µs (@ 32.768 kHz operation)
clock selected
Instruction set
• 16-bit operation
• Multiply/divide (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjust, etc.
I/O ports
Total:
51
• CMOS input:
8
• CMOS I/O:
39
• N-ch open-drain I/O (5 V withstand voltage): 4
A/D converter
• 10-bit resolution
× 8 channels
• Operable over a wide power supply voltage range: AVDD = 1.8 to 5.5 V
Serial interface
• UART mode:
1 channel
• UART mode:
1 channel
• 3-wire serial I/O mode: 2 channels
• 3-wire serial I/O mode:
1 channel
• I2C bus mode
(multimaster supporting): 1 channel
Timers
• 16-bit timer/event counter: 1 channel
• 8-bit timer/event counter:
2 channels
• Watch timer:
1 channel
• Watchdog timer:
1 channel
Timer outputs
3 (8-bit PWM output capable: 2)
Clock output
• 65.5 kHz, 131 kHz, 262 kHz, 524 kHz, 1.05 MHz, 2.10 MHz, 4.19 MHz, 8.38 MHz
(@ 8.38 MHz operation with main system clock)
• 32.768 kHz (@ 32.768 kHz operation with subsystem clock)
Buzzer output
1.02 kHz, 2.05 kHz, 4.10 kHz, 8.19 kHz (@ 8.38 MHz operation with main system clock)
Vectored interrupt
Maskable
Internal: 13, external: 5
sources
Non-maskable
Internal: 1
Software
1
Test inputs
Internal: 1, external: 1
Supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Package
• 64-pin plastic SDIP (19.05 mm (750))
• 64-pin plastic LQFP (10
× 10)
• 64-pin plastic LQFP (14
× 14)
• 64-pin plastic QFP (14
× 14)
• 64-pin plastic TQFP (12
× 12)
Note
The capacities of the flash memory and the internal high-speed RAM can be changed with the memory size
switching register (IMS).


Similar Part No. - UPD78F0034AGB-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034A RENESAS-UPD78F0034A Datasheet
153Kb / 17P
   PG-FP5
UPD78F0034AS RENESAS-UPD78F0034AS Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F0034AGB-8EU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com