Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375C15H100B Datasheet(PDF) 2 Page - Vicor Corporation

Part # V375C15H100B
Description  24Vin / 24Vout / 100Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C15H100B Datasheet(HTML) 2 Page - Vicor Corporation

  V375C15H100B Datasheet HTML 1Page - Vicor Corporation V375C15H100B Datasheet HTML 2Page - Vicor Corporation V375C15H100B Datasheet HTML 3Page - Vicor Corporation V375C15H100B Datasheet HTML 4Page - Vicor Corporation V375C15H100B Datasheet HTML 5Page - Vicor Corporation V375C15H100B Datasheet HTML 6Page - Vicor Corporation V375C15H100B Datasheet HTML 7Page - Vicor Corporation V375C15H100B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V24C24C100B DC-DC Converter
Rev. 2
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
18
24
36
Vdc
Input surge withstand
50
Vdc
<100ms
Output voltage setpoint
23.76
24
24.24
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
27.1
28.1
29.1
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
100
Watts
At 100°C baseplate temperature
Efficiency
87
88
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.2
%
Low line to high line; full load
Load regulation
±0.06
±0.2
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Ripple and noise, p-p
70
88
mV
Nominal input; full load; 20 MHz bandwidth
Current limit
4.25
4.8
5.42
Amps
Output voltage 95% of nominal
Short circuit current
2.91
4.8
5.42
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
17.5
17.9
Vdc
Undervoltage turn-off
14.74
15.3
Vdc
Overvoltage turn-off/on
36.3
37.8
39.6
Vdc
Dissipation, standby
3.6
5.4
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Baseplate
Slotted (Style 1)
Slotted baseplate (style 1) requires no designator.
For threaded baseplate add a "2" to the end of the
part number. For thru-hole add a "3".
Pin style
Short (Style 1)
For long pin configuration add “L” to the end of the
part number. See page 7 for pin dimensions.
MODULE MECHANICAL SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.


Similar Part No. - V375C15H100B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C15H100B VICOR-V375C15H100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V375C15H100B VICOR-V375C15H100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V375C15H100B VICOR-V375C15H100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V375C15H100B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C24C100A VICOR-V24C24C100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C5C100B VICOR-V24C5C100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24C48C100A VICOR-V24C48C100A Datasheet
180Kb / 8P
   24Vin / 48Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24C28C100B VICOR-V24C28C100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24A24C400B VICOR-V24A24C400B Datasheet
150Kb / 8P
   24Vin / 24Vout / 400Watts DC-DC Converter Module
V24B24C200B VICOR-V24B24C200B Datasheet
146Kb / 8P
   24Vin / 24Vout / 200Watts DC-DC Converter Module
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com