Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC82 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC82
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC82 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC82 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC82 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC82 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC82 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 554 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
REV.1 Jan.-2004
1.5SMC SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range
6.8 to 200 Volts
1500 Watts Peak Power
Features
For surface mounted application in order to optimize board
space
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps from 0 volt to
BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260
OC / 10 seconds at terminals
Plastic material used carries Underwriters Laboratory
Flammability Classification 94V-0
1500 watts peak pulse power capability with a 10 X 1000 us
waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Standard packaging: 16mm tape (EIA STD RS-481)
Weight: 0.21gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC, Tp=1ms
(Note 1)
PPK
Minimum 1500
Watts
Power Dissipation on Intinite Heatsink, TA=50
OC
PM(AV)
6.5
W
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3) - Unidirectional Only
IFSM
200
Amps
Thermal Resistance Junction to Ambient Air
(Note 4)
R
θJA
50
OC/W
Thermal Resistance Junction to Leads
R
θJL
15
OC/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
OC
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.
2. Mounted on 8.0mm
2 (.013mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute
Maximum.
4. Mounted on 5.0mm
2
(.013mm thick) land areas.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types 1.5SMC6.8 through Types 1.5SMC200A.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - 1.5SMC82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1.5SMC82 ETC1-1.5SMC82 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
Nantong Hornby Electron...
1.5SMC82 HORNBY-1.5SMC82 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC82 TSC-1.5SMC82 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMC82 PANJIT-1.5SMC82 Datasheet
111Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC82 PANJIT-1.5SMC82 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results

Similar Description - 1.5SMC82

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com