Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12E300B Datasheet(PDF) 1 Page - Vicor Corporation

Part # V375A12E300B
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12E300B Datasheet(HTML) 1 Page - Vicor Corporation

  V375A12E300B Datasheet HTML 1Page - Vicor Corporation V375A12E300B Datasheet HTML 2Page - Vicor Corporation V375A12E300B Datasheet HTML 3Page - Vicor Corporation V375A12E300B Datasheet HTML 4Page - Vicor Corporation V375A12E300B Datasheet HTML 5Page - Vicor Corporation V375A12E300B Datasheet HTML 6Page - Vicor Corporation V375A12E300B Datasheet HTML 7Page - Vicor Corporation V375A12E300B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 1 of 8
Set your site on VICOR at www.vicorpower.com
4.6 x 2.2 x 0.5 in
117 x 56 x 12,7 mm
45
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.08
°C/Watt
Baseplate to sink; thermal pad (P/N 20263)
0.07
°C/Watt
Baseplate to ambient
4.9
°C/Watt
Baseplate to ambient; 1000 LFM
1.1
°C/Watt
Thermal capacity
165
Watt-sec/°C
Thermal Resistance and Capacity
Data Sheet
FasTrak Maxi E-Grade Family
DC-DC Converter Module
Features
• Input voltages: 24, 48, 300 & 375 V
• DC outputs: 2 V – 48 V
• Programmable output: 10 to 110%
• Regulation: ±0.5% no load to full load
• Efficiency: Up to 90%
• Max operating temp: 100°C, full load
• Power density: Up to 120 W/cubic inch
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and
cost effectiveness of a mature power
component. High frequency ZCS/ZVS
switching provide high power density
with low noise and high efficiency.
Applications
Off-line systems with autoranging or
PFC frontends, industrial and process
control, distributed power, medical, ATE,
communications, defense, aerospace
Part Numbering
e.g. V300A12E500BL2
For a description of pin options, see page 6.
Baseplate options include slotted flanges,
threaded and through-hole. See page 7 for
dimensions. For other package sizes and
power levels, see the FasTrak Mini (half
size) and FasTrak Micro (quarter size)
datasheets.
Parameter
Rating
Unit
Notes
+In to –In voltage
24 Vin
-0.5 to +36
Vdc
48 Vin
-0.5 to +75
Vdc
300 Vin
-0.5 to +375
Vdc
375 Vin
-0.5 to +425
Vdc
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
SC to –Out voltage
-0.5 to +1.5
Vdc
–Sense to –Out voltage
1.0
Vdc
Isolation voltage (in to out)
3000
Vrms
Isolation voltage (in to base)
1550
Vrms
Isolation voltage (out to base)
500
Vrms
Operating temperature
-10 to +100
°C
Storage temperature
-20 to +125
°C
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each, # 4-40 or M3
VA
E
B
Input Voltage
24: 18 – 36 Vin
48: 36 – 75 Vin
300: 180 – 375 Vin
375: 250 – 425 Vin
Output Voltage
2: 2.0 V*
3V3: 3.3V
5: 5 V
12: 12 V
15: 15 V
24: 24 V
28: 28 V
48: 48 V
54: 54 V**
Pin Style
Blank: Short
Tin/Lead
L: Long Tin/Lead
S: Short Gold
N: Long Gold
Output Power (Watts)
Input 2 Vout 3.3 Vout 5 Vout >5 Vout
24 V
264
400
400
48 V
264
400
500
300 V
160
264
400
500
375 V
264
400
600
Baseplate
Blank: Slotted
1: Threaded
2: Through-hole
*
300 V input only
** 375 V input only


Similar Part No. - V375A12E300B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12E300B VICOR-V375A12E300B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V375A12E300B1 VICOR-V375A12E300B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V375A12E300B2 VICOR-V375A12E300B2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V375A12E300BL VICOR-V375A12E300BL Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V375A12E300BL1 VICOR-V375A12E300BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V375A12E300B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com