Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4N51163QC-ZC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4N51163QC-ZC
Description  512Mbit gDDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4N51163QC-ZC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4N51163QC-ZC Datasheet HTML 7Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 8Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 9Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 10Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 11Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 12Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 13Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 14Page - Samsung semiconductor K4N51163QC-ZC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
- 11 -
Rev 1.5 Oct. 2005
512M gDDR2 SDRAM
K4N51163QC-ZC
(Refer to notes for informations related to this table at the bottom)
Parameter
Symbol
- 25
- 2A
- 33
- 36
Units Notes
min
max
min
max
min
max
min
max
DQ output access time from CK/CK
tAC
-400
+400
-450
+450
-470
+470
-500
+500
ps
DQS output access time from CK/CK
tDQSCK
-350
+350
-400
+400
-420
+420
-450
+450
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min(tCL,
tCH)
x
min
(tCL,
tCH)
x
min
(tCL,
tCH)
x
min
(tCL,
tCH)
x
ps
20,21
Clock cycle time, CL= x
tCK
2500
8000
2.86
8.0
3.3
8.0
3.6
8.0
ns
24
DQ and DM input hold time
tDH
125
x
175
x
195
x
225
x
ps
15,16,
17
DQ and DM input setup time
tDS
50
x
50
x
70
x
100
x
ps
15,16,
17
Control & Address input pulse width for
each input
tIPW
0.6
x
0.6x0.6x0.6
x
tCK
DQ and DM input pulse width for each
input
tDIPW
0.35
x
0.35
x
0.35
x
0.35
x
tCK
Data-out high-impedance time from CK/
CK
tHZ
x
tAC
max
x
tAC
max
x
tAC
max
x
tAC
max
ps
DQS low-impedance time from CK/CK
tLZ
(DQS)
tAC
min
tAC
max
tAC
min
tAC
max
tAC
min
tAC
max
tAC
min
tAC
max
ps
27
DQ low-impedance time from CK/CK
tLZ(DQ) 2*tAC
min
tAC
max
2*tAC
min
tAC
max
2*tAC
min
tAC
max
2* tAC
min
tAC
max
ps
27
DQS-DQ skew for DQS and associated
DQ signals
tDQSQ
x200
x
310
x
320
x
340
ps
22
DQ hold skew factor
tQHS
x
300
x
410
x
420
x
440
ps
21
DQ/DQS output hold time from DQS
tQH
tHP -
tQHS
x
tHP -
tQHS
x
tHP -
tQHS
x
tHP -
tQHS
x
ps
Write command to first DQS latching
transition
tDQSS
-0.25
0.25
WL
-0.25
WL
+0.25
WL
-0.25
WL
+0.25
WL
-0.25
WL
+0.25
tCK
DQS input high pulse width
tDQSH
0.35
x
0.35
x
0.35
x
0.35
x
tCK
DQS input low pulse width
tDQSL
0.35
x
0.35
x
0.35
x
0.35
x
tCK
DQS falling edge to CK setup time
tDSS
0.2
x
0.2
x
0.2
x
0.2
x
tCK
DQS falling edge hold time from CK
tDSH
0.2
x
0.2
x
0.2
x
0.2
x
tCK
Mode register set command cycle time
tMRD
2
x
2
x
2
x
2
x
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
19
Write preamble
tWPRE
0.35
x
0.35
x
0.35
x
0.35
x
tCK
Address and control input hold time
tIH
250
x
325
x
345
x375
x
ps
14,16,
18
Address and control input setup time
tIS
175
x
200
x
220
x250
x
ps
14,16,
18
Read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
28
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
28
Active to active command period for
1KB page size products
tRRD
7.5
x
7.5
x
7.5
x7.5
x
ns
12
Active to active command period for
2KB page size products
tRRD
10
x
10
x
10
x10
x
ns
12
9.3 Timing Parameters by Speed Grade


Similar Part No. - K4N51163QC-ZC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N51163QG SAMSUNG-K4N51163QG Datasheet
207Kb / 3P
   Graphic Memory
K4N51163QZ SAMSUNG-K4N51163QZ Datasheet
207Kb / 3P
   Graphic Memory
More results

Similar Description - K4N51163QC-ZC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
   128Mbit GDDR2 SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4S510732B SAMSUNG-K4S510732B Datasheet
104Kb / 11P
   Stacked 512Mbit SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com