Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M01N60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M01N60
Description  N Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M01N60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M01N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers M01N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers M01N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers M01N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers M01N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N Channel MOSFET
M01N60
1.0A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
*Pulse Test: Pulse Width ≦300μS, Duty Cycle ≦ 2%
**Negligible, Dominated by circuit inductance
PARAMETERS
SYMBO
L
MIN
TYP
MAX UNIT
CONDITION
Drain-Source Breakdown Voltage
V(BR)DSS
600
Vdc
VGS=0, ID=250uA
Drain-Source Leakage Current
IDSS
1.0
0.25
mA
mA
VDS=600V, VGS=0
VDS=480V, VGS=0, Tj=125℃
Gate-Source Leakage Current-
Forward
IGSSF
100
nA
VGSR=20V, VDS=0
Gate Threshhold Voltage
VGS(th)
2.0
4.0
V
VDS=VGS, ID=250uA
Drain-Source On-Resistance
RDS(on)
8
Ohm
VGS=10V, ID=0.6A*
Input Capacitance
Ciss
210
pF
Output Capacitance
Coss
28
pF
Reverse Transfer Capacitance
Crss
9
pF
VDS=25V, VGS=0, f=1 MHz
Turn-On Delay Time
ton
8
nS
Turn-Off Delay Time
toff
18
nS
VDS=300V, ID=1.0A,
Rise Time
tr
21
nS
Fall Time
tf
24
nS
VGS=10V, RG=18Ω
Total Gate Charge
Qg
8.5
nC
Gate-Drain Charge
Qgd
8.5
nC
VDS=400V, ID=1.0A
Gate-Drain Charge
Qgs
1.8
nC
VGS=10V*
Intemal Drain Inductance
LD
4.5
nH
Measured from the drain lead
0.25’’ From package to center
of die
Internal Drain Inductance
Ls
7.5
nH
Measured from the sorce lead
0.25’’ package to source bond
pad
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VDS
1.5
V
Forward Tum Time
ton
**
nS
Reverse Recovery Time
trr
350
500
nS
Is=1.0A, VGS=0V
dIS/dt = 100A/μS
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Similar Part No. - M01N60

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
M01N60 STANSON-M01N60 Datasheet
174Kb / 5P
   N Channel MOSFET
More results

Similar Description - M01N60

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com