Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0006B-BD Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T81L0006B-BD
Description  8-bit A/D Type MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0006B-BD Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button T81L0006B-BD Datasheet HTML 3Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 4Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 5Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 6Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 7Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 8Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 9Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 10Page - Taiwan Memory Technology T81L0006B-BD Datasheet HTML 11Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TE
CH
tm
T81L0006A/B
TM Technology Inc. reserves the right
P. 7
Publication Date: AUG. 2005
to change products or specifications without notice.
Revsion : B
10.3 Special Function Register
F8H
F0H
B
E8H
E0H
ACC
D8H
D0H
PSW
C8H
T2CON
T2MOD
RCAP2L RCAP2H
TL2
TH2
C0H
B8H
IP
B0H
P3
A8H
IE
A0H
P2
98H
SCON
SBUF
90H
P1
88H
TCON
TMOD
TL0
TL1
TH0
TH1
80H
P0*
SP
DPL
DPH
WDREL
PCON
*Note: P0:Internal still keeping, but for pad dominate, no external pin assignment
Accumulator : ACC
ACC is the Accumulator register. The mnemonics for Accumulator-Specific instructions, however, refer to the
Accumulator simply as A.
B Register : B
The B register is used during multiply and divide operations. For other instructions it can be treated as another scratch
pad register.
Program Status Word : PSW
The PSW register contains program status information as detailed in
CY
AC
F0
RS1
RS0
OV
--
P
BIT SYMBOL FUNCTION
PSW.7
CY
Carry flag.
PSW.6
AC
Auxiliary Carry flag. (For BCD operations.)
PSW.5
F0
Flag 0. (Available to the user for general purposes.)
PSW.4
RS1
Register bank select control bit 1.
Set/cleared by software to determine working register bank. (See Note.)
PSW.3
RS0
Register bank select control bit 0.
Set/cleared by software to determine working register bank. (See Note.)
PSW.2
OV
Overflow flag.
PSW.1
User-definable flag.
PSW.0
P
Parity flag.
Set/cleared by hardware each instruction cycle to indicate an odd/even number of “one” bits in the Accumulator,
i.e., even parity.
NOTE: The contents of (RS1, RS0) enable the working register banks as follows:
(0,0)— Bank 0 (00H–07H)
(0,1)— Bank 1 (08H–0fH)
(1,0)— Bank 2 (10H–17H)
(1,1)— Bank 3 (18H–17H)


Similar Part No. - T81L0006B-BD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0006B-BD TMT-T81L0006B-BD Datasheet
160Kb / 23P
   8-bit A/D Type MCU
More results

Similar Description - T81L0006B-BD

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com