Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T431616C-7SG Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T431616C-7SG
Description  1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616C-7SG Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T431616C-7SG Datasheet HTML 1Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 2Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 3Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 4Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 5Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 6Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 7Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 8Page - Taiwan Memory Technology T431616C-7SG Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TE
CH
tm
T431616C
TM Technology Inc. reserves the right
P. 1
Publication Date: AUG. 2004
to change products or specifications without notice.
Revision: A
SDRAM
1M x 16 SDRAM
512K x 16bit x 2Banks Synchronous DRAM
FEATURES
• 3.3V power supply
• Clock cycle time : 6 / 7 ns
• Dual banks operation
• LVTTL compatible with multiplexed address
• All inputs are sampled at the positive going
edge of system clock
• Burst Read Single-bit Write operation
• DQM for masking
• Auto refresh and self refresh
• 32ms refresh period (2K cycle)
• MRS cycle with address key programs
- CAS Latency ( 2 & 3 )
- Burst Length ( 1 , 2 , 4 , 8 & full page)
- Burst Type (Sequential & Interleave)
• Available package type :
- 50 pin TSOP(II)/lead-free
• Operating temperature :
-
0 ~ +70
°C
ORDERING INFORMATION
GRNERAL DESCRIPTION
The T431616C is 16,777,216 bits synchronous
high data rate Dynamic RAM organized as
2 x 524,288 words by 16 bits , fabricated with high
performance CMOS technology . Synchronous
design allows precise cycle control with the use of
system clock I/O transactions are possible on every
clock cycle . Range of operating frequencies ,
programmable burst length and programmable
latencies allow the same device to be useful for a
variety of high bandwidth , high performance
memory system applications.
PART NO.
CLOCK
CYCLE TIME
MAX
FREQUENCY
PACKAGE
OPERATING
TEMPERATURE
T431616C-6S
6ns
166 MHz
TSOP-II
0 ~ +70
°C
T431616C-6SG
6ns
166 MHz
TSOP-II
Lead-free
0 ~ +70
°C
T431616C-7S
7ns
143 MHz
TSOP-II
0 ~ +70
°C
T431616C-7SG
7ns
143 MHz
TSOP-II
Lead-free
0 ~ +70
°C


Similar Part No. - T431616C-7SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
More results

Similar Description - T431616C-7SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com