Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T431616B-10S Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T431616B-10S
Description  1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616B-10S Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T431616B-10S Datasheet HTML 1Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 2Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 3Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 4Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 5Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 6Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 7Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 8Page - Taiwan Memory Technology T431616B-10S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TE
CH
tm
T431616B
Taiwan Memory Technology, Inc. reserves the right P. 2
Publication Date: JUL. 2001
to change products or specifications without notice.
Revision:A
PIN ARRANGEMENT
(TSOP-II Top View)
DQ1
V DD
46
45
44
43
41
42
40
36
35
34
33
32
31
30
29
1
2
3
4
6
5
7
8
9
11
15
16
17
18
19
20
V DDQ
DQ11
DQ10
A8
A7
A9
10
21
22
47
48
49
50
V SSQ
DQ2
A0
A1
DQ15
DQ14
V SSQ
Vss
23
24
25
28
27
26
DQ3
DQ0
V DDQ
DQ4
DQ5
V SSQ
DQ6
RAS
CS
BA
A10/AP
A2
A3
V DD
V SSQ
DQ13
DQ12
DQ9
UDQM
N.C
CLK
CKE
Vss
A6
A5
A4
12
13
14
39
38
37
DQ7
V DDQ
LDQM
DQ8
V DDQ
N.C/RFU
WE
CAS
50PINTSOP(II)
(400mil x 825mil)
(0.8 mm PIN PITCH)
(CSP Bottom View)
R
P
N
M
L
J
H
G
E
F
K
A
B
C
D
1
2
3
4
5
6
7
VDD
A1
A10/AP
N.C
N.C
N.C
A0
A2
A3
A4
A5
A6
A7
A8
A9
BA
VSS
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
CKE
CLK
VDD
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ15
DQ14
VSS
DQ13
DQ12
DQ11
DQ10
DQ9
DQ0
VDDQ
VSSQ
VDDQ
VSSQ
VSSQ
VSSQ
LDQM
WE
CAS
CS
RAS
DQ8
UDQM
VDDQ
VDDQ


Similar Part No. - T431616B-10S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
More results

Similar Description - T431616B-10S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com