Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0006A-AD Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T81L0006A-AD
Description  8-bit A/D Type MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0006A-AD Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T81L0006A-AD Datasheet HTML 1Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 2Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 3Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 4Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 5Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 6Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 7Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 8Page - Taiwan Memory Technology T81L0006A-AD Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TE
CH
tm
T81L0006A/B
TM Technology Inc. reserves the right
P. 1
Publication Date: AUG. 2005
to change products or specifications without notice.
Revsion : B
MCU
8-bit A/D Type MCU
1. Features
!
Compatible with MCS-51
!
Embedded 8K Bytes OTP ROM
!
128 x 8-bit Internal RAM
!
15/19 Programmable I/O Lines for 20/24-pin Package
!
Two 16-bit Timer/Counter & One 16-bit Timer
!
Two External Interrupt Input (Only One Input for
20-pin Package)
!
Two Channel PWM (Only One Channel PWM for
20-pin Package) Driving Capability up to 40 mA
!
Embedded 1k bits EEPROM (for T81L0006B only)
!
Programmable Serial UART Interface
!
Low Power Idle & Power-down Modes
!
Watch-dog Timer
!
On-chip Crystal & RC Oscillator (Selected by
Bonding Option)
!
Internal Power-on Reset and External Reset
Supported
!
8-Channel 8-bit A/D Converter
!
SOP20/DIP20 & SOP24/DIP24 Package
!
3.3V Operating Voltage
!
EEPORM Interface
! Low Voltage Reset
2. Applications
Meter
Household Appliances Controller
Handwriting Board
Charger
Sport Devices
Other Controller (Automotive, Toy…)
3. General Description
The T81L0006A/B is 8-bit microcontroller designed and
developed with low power and high speed CMOS
technology. It contains a 8K bytes OTP ROM, a 128 × 8
RAM, an 8-channels 8-bit A/D converter, 15/19 I/O lines, a
watchdog timer, two 16-bit counter/timers, a seven source,
two-priority level nested interrupt structure, two channel
pulsed-width modulator (PWM), a full duplex UART, and
an on-chip oscillator and clock circuits.
In addition, the T81L0006A/B has two selectable modes
of power reduction-idle mode and power-down mode. The
idle mode freezes the CPU while allowing the RAM, timers,
serial port, and interrupt system to continue functioning.
The power-down mode saves the RAM contents but freezes
the oscillator, causing all other chip functions to be
inoperative.
4. Order information
Part number
Oscillator
type
EEPROM
Package
T81L0006A-AK
RC
NONE
24-pin DIP
T81L0006A-BK
Crystal
NONE
24-pin DIP
T81L0006A-CK
RC
NONE
20-pin DIP
T81L0006A-DK
Crystal
NONE
20-pin DIP
T81L0006A-AD
RC
NONE
24-pin SOP
T81L0006A-BD
Crystal
NONE
24-pin SOP
T81L0006A-CD
RC
NONE
20-pin SOP
T81L0006A-DD
Crystal
NONE
20-pin SOP
T81L0006B-AK
RC
Embedded
24-pin DIP
T81L0006B-BK
Crystal
Embedded
24-pin DIP
T81L0006B-AD
RC
Embedded
24-pin SOP
T81L0006B-BD
Crystal
Embedded
24-pin SOP


Similar Part No. - T81L0006A-AD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0006A-AD TMT-T81L0006A-AD Datasheet
160Kb / 23P
   8-bit A/D Type MCU
More results

Similar Description - T81L0006A-AD

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com