Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0006A-CK Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T81L0006A-CK
Description  8-bit A/D Type MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0006A-CK Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T81L0006A-CK Datasheet HTML 1Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 2Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 3Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 4Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 5Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 6Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 7Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 8Page - Taiwan Memory Technology T81L0006A-CK Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TE
CH
tm
T81L0006A/B
TM Technology Inc. reserves the right
P. 4
Publication Date: AUG. 2005
to change products or specifications without notice.
Revsion : B
7. Pin Description
8. Temperature Limit Ratings
Parameter
Rating
Units
Operating temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +125
°C
Number
(24-Pin)
Number
(20-Pin)
Name
Type
Description
1
1
P3.0/(RXD)
I/O
General-purpose I/O pin (Default) or Serial input port.
2
2
P3.1/(TXD)
I/O
General-purpose I/O pin (Default) or Serial output port.
3
3
P1.0/(ADI0)
I/O
General-purpose I/O pin (Default) or ADC input channel 0.
4
4
P1.1/(ADI1)
I/O
General-purpose I/O pin (Default) or ADC input channel 1.
5
-
P3.3/(INT1)
I/O
General-purpose I/O pin (Default) or External interrupt source 1.
6
5
GND
Ground
7
-
P2.3
I/O
General-purpose I/O pin.
8
6
P1.2/(ADI2)
I/O
General-purpose I/O pin (Default) or ADC input channel 2.
9
7
P1.3/(ADI3)
I/O
General-purpose I/O pin (Default) or ADC input channel 3.
10
8
P1.4/(ADI4)
I/O
General-purpose I/O pin (Default) or ADC input channel 4.
11
9
P1.5/(ADI5)
I/O
General-purpose I/O pin (Default) or ADC input channel 5.
12
10
P1.6/(ADI6)
I/O
General-purpose I/O pin (Default) or ADC input channel 6.
13
11
P1.7/(ADI7)
I/O
General-purpose I/O pin (Default) or ADC input channel 7.
14
12
P3.2/(INT0)
I/O
General-purpose I/O pin (Default) or External interrupt source 0.
15
13
P3.6/(PWM1)
I/O
General-purpose I/O pin (Default) or PWM signal output channel 1.
16
-
P2.0/(PWM2)
I/O
General-purpose I/O pin (Default) or PWM signal output channel 2.
17
14
P3.7/(VREF)
I/O
General-purpose I/O pin (Default) or External reference voltage input
pin for ADC.
18
-
P2.1
I/O
General-purpose I/O pin.
19
15
VCC
3.3V power supply.
20
16
RST/VPP
I
Reset signal input or programming supply voltage input.
21
17
XOUT/(STOP)
O
Crystal oscillator output terminal or stop RC oscillator network.
22
18
XIN/(OSC-R)
I
Crystal oscillator input terminal or RC oscillator external resister
connect pin.
23
19
P3.4/(T0)
I/O
General-purpose I/O pin (Default) or Timer 0 external input pin.
24
20
P3.5/(T1)
I/O
General-purpose I/O pin (Default) or Timer 1 external input pin.


Similar Part No. - T81L0006A-CK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0006A-CK TMT-T81L0006A-CK Datasheet
160Kb / 23P
   8-bit A/D Type MCU
More results

Similar Description - T81L0006A-CK

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com