Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0003B-BD Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T81L0003B-BD
Description  8-bit MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0003B-BD Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T81L0003B-BD Datasheet HTML 1Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 2Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 3Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 4Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 5Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 6Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 7Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 8Page - Taiwan Memory Technology T81L0003B-BD Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TE
CH
tm
T81L0003B
TM Technology Inc. reserves the right
P. 1
Publication Date: NOV. 2005
to change products or specifications without notice.
Revision:A
8-bit MCU
1. Features
!
Compatible with MCS-51
!
Embedded 8K Bytes OTP ROM
!
256 x 8-bit Internal RAM
!
13 Programmable I/O Lines for 18-pin
Package
!
2 16-bit Timer/Counter & 1 16-bit Timer
!
2 External Interrupt Input
!
Programmable Serial UART Interface
!
Low Power Idle & Power-down Modes
!
Watch-dog Timer
!
On-chip Crystal & RC Oscillator (Selected
by Bonding Option)
!
Internal Power-on Reset and External Reset
Supported
!
SOP18/DIP18 Package
!
3.3V Operating Voltage
2. General Description
The
T81L0003B
is
8-bit
microcontroller
designed and developed with low power and high
speed CMOS technology. It contains a 8K bytes
OTP ROM, a 256 × 8 RAM, 13 I/O lines, a
watchdog timer, two 16-bit counter/timers, a
seven source, two-priority level nested interrupt
structure, a full duplex UART, and an on-chip
oscillator and clock circuits.
In addition, the T81L0003B has two selectable
modes
of
power
reduction-idle
mode
and
power-down mode. The idle mode freezes the
CPU while allowing the RAM, timers, serial port,
and interrupt system to continue functioning. The
power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip
functions to be inoperative.


Similar Part No. - T81L0003B-BD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003A TMT-T81L0003A Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AD TMT-T81L0003A-AD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AK TMT-T81L0003A-AK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BD TMT-T81L0003A-BD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BK TMT-T81L0003A-BK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
More results

Similar Description - T81L0003B-BD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com