Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6309B-AX Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T6309B-AX
Description  Micropower Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6309B-AX Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button T6309B-AX Datasheet HTML 3Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 4Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 5Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 6Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 7Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 8Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 9Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 10Page - Taiwan Memory Technology T6309B-AX Datasheet HTML 11Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TE
CH
tm
T6309B
TM Technology Inc. reserves the right
P. 7
Publication Date: SEP. 2005
to change products or specifications without notice.
Revision: A
Applications Information
Dimming Control
There are several types of dimming control
circuit as follows:
1. Using a PWM signal to CE pin
When using a PWM signal at CE pin, the
T6309B is turned on or off by the PWM
signal. The average LED current increases
proportionally with the duty cycle of the
PWM signal. The typical frequency range of
the PWM signal is 150Hz to 250Hz. The
magnitude of the PWM signal should be
greater than the threshold voltage of CE
voltage high.
2. Using a DC voltage
A DC voltage signal can be used as well to
control the LED brightness. The dimming
control method is shown in the figure 2.
When the DC voltage is zero, the LED is fully
turned on. As the DC voltage increases, the
voltage drop on R2 increases and the voltage
drop on R1 decreases. Thus the LED current
decreases. The selection of R1 and R2 should
make the current from the variable DC source
much smaller than the LED current and much
larger than the FB pin bias current.
For VDC range from 0V to 2V, the
selection of resistors in this figure gives
dimming control of LED current from 0mA to
20mA. Following steps are used to select the
resistor values:
• Select the voltage VMAX to turn the LEDs
off. (e.g. 2.0V)
• Select 0V as default to turn the LEDs fully
on.
• Select the maximum LED current IMAX
(e.g. 20mA) and 0mA as the minimum LED
current.
• Calculate R2 to achieve a feedback current
in the range of I1 = 3uA to 10uA as the
LEDs are fully turned on:
R2 = VREF / I1 (e.g. 0.4V/4uA =100KOhm )
• Calculate R1 to meet the equation:
R1 / (R1+R2) = VREF / VMAX
(e.g. VREF=0.4V, VMAX=2.0V, R2=100KOhm,
the calculated R1 is 25KOhm)
• Calculate the sense voltage Vs at maximum
LED current:
Vs = VREF x (1 + R1/R2)
(e.g. Vs = 0.4V x (1 + 25K/100K) = 0.5V)
• Calculate the sense resistor Rs:
Rs = Vs / IMAX
(e.g. 0.5V/20mA = 25 Ohm)
3. Using a Filtered PWM signal
The filtered PWM signal can be considered as
an adjustable DC voltage. It can be used to
replace the DC voltage source if adjustable
analog signal is not available in the system.
The circuit is shown in the figure below:


Similar Part No. - T6309B-AX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
T6309A-AX TMT-T6309A-AX Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
T6309A-BX TMT-T6309A-BX Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
More results

Similar Description - T6309B-AX

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com