Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0006A-AK Datasheet(PDF) 10 Page - Taiwan Memory Technology

Part # T81L0006A-AK
Description  8-bit A/D Type MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0006A-AK Datasheet(HTML) 10 Page - Taiwan Memory Technology

Back Button T81L0006A-AK Datasheet HTML 6Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 7Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 8Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 9Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 10Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 11Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 12Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 13Page - Taiwan Memory Technology T81L0006A-AK Datasheet HTML 14Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TE
CH
tm
T81L0006A/B
TM Technology Inc. reserves the right
P. 10
Publication Date: AUG. 2005
to change products or specifications without notice.
Revsion : B
mode 1 and 3. RCLK=0 causes timer1 overflow to be used for the receive clock
T2CON.4: TCLK Transmit clock flag. When set, cause the serial port to use timer2 overflow pulses for its transmit clock in
mode 1 and 3. TCLK=0 causes timer1 overflow to be used for the transmit clock
T2CON.3: EXEN2 Timer2 external enable flag. When set, allows a capture or reload to occur as a result of a negative
transition on T2EX if timer2 is not being used to clock the serial port. EXEN2=0 causes timer2 to ignore events at T2EX.
T2CON.2: Start/stop control for timer2. A logic 1 starts the timer
T2CON.1: Timer or counter select. (Timer 2) , 0 as internal timer
T2CON.0: Capture/Reload flag. When set, captures will occur on negative transitions at T2EX if EXEN2=1. When cleared,
auto reloads will occur either with timer2 overflow or negative transitions at T2EX when EXEN2=1. When either RCLK=1
or TCLK=1, this bit is ignored and the timer is forced to auto-reload on timer2 overflow.
Note then the baudrates for transmit and receive can be simultaneously different. Setting RCLK and/or TCLK puts Timer2
into its baudrate generator mode.
The baudrate generator mode is similar to the auto reload mode, in that a rollover is TH2 causes the Timer2 registers to be
reload with the 16 bit value in registers RCAP2H and RCAP2L, which are preset by software given by the formula.
Baudrate= (Timer2 overflow rate)/16 =(Oscillator Frequency) / (32*(65536-(RCAP2H,RCAP2L)))
Serial Interface Timing Diagram
S1.........S6 S1.........S6
S1.........S6
S1.........S6
S1.........S6 S1.........S6
S1.........S6 S1.........S6
S1.........S6
S1.........S6
ALE
D0
D1
D2
D3
D4
D5
D6
D7
RXD
TXD
D0
D1
D2
D3
D4
D5
D6
D7
RXD
TXD
Receive
Shift
Write to SCON, Clear RI
RI
Write to SBUF
Send
Shift
Serial Port Mode 0


Similar Part No. - T81L0006A-AK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0006A-AK TMT-T81L0006A-AK Datasheet
160Kb / 23P
   8-bit A/D Type MCU
More results

Similar Description - T81L0006A-AK

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com