Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T81L0003A-BK Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T81L0003A-BK
Description  Reduced I/O 8-bit MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0003A-BK Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T81L0003A-BK Datasheet HTML 1Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 2Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 3Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 4Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 5Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 6Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 7Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 8Page - Taiwan Memory Technology T81L0003A-BK Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TE
CH
tm
T81L0003A
TM Technology, Inc. reserves the right
P. 1
Publication Date: SEP. 2004
to change products or specifications without notice.
Revision: C
MCU
Reduced I/O 8-bit MCU
FEATURES
! Compatible with MCS-51 Products
! 128 x8 bit RAM
! Embedded 8k X 8 bit data OTP ROM
! 13 bi-direction I/O Lines.
! System clock: Typ. 12MHz @ 2.5 ~ 5.5V.
! 2 External Interrupt Input
! Programmable Serial UART Channel.
! Watch Dog Timer
! One 16-bit Timer/Counter (T0) & Two 16-bit Timer (T1, T2)
! On-chip selectable crystal driving PAD or RC oscillator.
! Low Power and wake-able power down mode
! One Buzzer Driving Pad.P1.0 (driving capability up to 40mA).
! SOP18/DIP18 Package.
! Typical 3.3V Operating Voltage.
Description
The T81L0003A is a low voltage and low cost and reduced I/O 8-bit high performance 8051-like
MCU. The T81L0003A provides 13 bi-direction I/Os for end user programming with other device and
3 timers (but only one counter) for more applications and low cost.
Part Number Example
Part No.
Pkg.
Description
T81L0003A-AK
DIP 18 pin
RC oscillation
T81L0003A-AD
SOP 18 pin
RC oscillation
T81L0003A-BK
DIP 18 pin
Crystal oscillation
T81L0003A-BD
SOP 18 pin
Crystal oscillation


Similar Part No. - T81L0003A-BK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-AD TMT-T81L0003B-AD Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-AK TMT-T81L0003B-AK Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-BD TMT-T81L0003B-BD Datasheet
100Kb / 16P
   8-bit MCU
T81L0003B-BK TMT-T81L0003B-BK Datasheet
100Kb / 16P
   8-bit MCU
More results

Similar Description - T81L0003A-BK

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com