Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA13ZL1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSA13ZL1G
Description  Darlington Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA13ZL1G Datasheet(HTML) 2 Page - ON Semiconductor

  MPSA13ZL1G Datasheet HTML 1Page - ON Semiconductor MPSA13ZL1G Datasheet HTML 2Page - ON Semiconductor MPSA13ZL1G Datasheet HTML 3Page - ON Semiconductor MPSA13ZL1G Datasheet HTML 4Page - ON Semiconductor MPSA13ZL1G Datasheet HTML 5Page - ON Semiconductor MPSA13ZL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPSA13, MPSA14
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 100 mAdc, IB = 0)
V(BR)CES
30
Vdc
Collector Cutoff Current
(VCB= 30 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VEB= 10 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
MPSA13
MPSA14
(IC = 100 mAdc, VCE = 5.0 Vdc)
MPSA13
MPSA14
hFE
5,000
10,000
10,000
20,000
Collector −Emitter Saturation Voltage
(IC = 100 mAdc, IB = 0.1 mAdc)
VCE(sat)
1.5
Vdc
Base −Emitter On Voltage
(IC = 100 mAdc, VCE = 5.0 Vdc)
VBE(on)
2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
125
MHz
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
2. fT = |hfe| S ftest.
ORDERING INFORMATION
Device
Package
Shipping
MPSA13
TO−92
5000 Units / Box
MPSA13G
TO−92
(Pb−Free)
5000 Units / Box
MPSA13RLRA
TO−92
2000 / Tape & Reel
MPSA13RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA13RLRM
TO−92
2000 / Ammo Pack
MPSA13RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA13RLRP
TO−92
2000 / Ammo Pack
MPSA13RLRPG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA13ZL1
TO−92
2000 / Ammo Pack
MPSA13ZL1G
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA14
TO−92
5000 Units / Box
MPSA14G
TO−92
(Pb−Free)
5000 Units / Box
MPSA14RLRA
TO−92
2000 / Tape & Reel
MPSA14RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA14RLRP
TO−92
2000 / Ammo Pack
MPSA14RLRPG
TO−92
(Pb−Free)
2000 / Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MPSA13ZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
Daya Electric Group Co....
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
390Kb / 5P
   NPN Silicon Darlington Transistor
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
SeCoS Halbleitertechnol...
MPSA13 SECOS-MPSA13 Datasheet
172Kb / 3P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - MPSA13ZL1G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com