Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63H0008A-CX Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T63H0008A-CX
Description  Li-Ion/Polymer Battery for one-cell Protector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0008A-CX Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T63H0008A-CX Datasheet HTML 1Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 2Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 3Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 4Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 5Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 6Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 7Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 8Page - Taiwan Memory Technology T63H0008A-CX Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TE
CH
tm
T63H0008A
TM Technology, Inc. reserves the right
P. 5
Publication Date: Dec. 2003
to change products or specifications without notice.
Revision:A
ELECTRICAL CHARACTERISTIC2 *note 1
(Temp=-40 to 85ºC)
Symbol
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
INPUT VOLTAGE / OPERATION VOLTAGE
VDD1
Operating input voltage
Voltage defined as VDD to VSS
1.5
-
8
V
VDD2
Operating input voltage
Voltage defined as VDD to V-
1.5
-
30
V
CURRENT CONSUMPTION
IDD
Normal operation current
VDD=3.5V, V-=0V
0.7
3.0
8.0
uA
ISB
Standby current
VDD=V-=1.5V
--
0.1
uA
OUTPUT RESISTANCE
RCOUTH
COUT pin H resistance
VCOUT=3.0V,VDD=3.5V,V-=0V
1.2
5
15
Kohm
RCOUTL
COUT pin L resistance
VCOUT=0.5,VDD=4.5V,V-=0V
1.2
5
15
Kohm
RDOUTH
DOUT pin H resistance
VDOUT=3.0V,VDD=3.5V,V-=0V
1.2
5
15
Kohm
RDOUTL
DOUT pin L resistance
VDOUT=0.5V,VDD=V-=1.8V
1.2
5
15
Kohm
V- INTERNAL RESISTANCE
RV-D
Internal resistance between
V- and VDD
VDD=1.8V,V-=0V
78
300
1310
Kohm
RV-S
Internal resistance between
V- and VSS
VDD=3.5V,V-=1.0V
7.2
20
44
Kohm
DETECTION VOLTAGE
AX
4.225
4.280
4.320
V
BX
4.260
4.300
4.340
V
CX
4.270
4.325
4.365
V
VDET1
Over-charge detection voltage
VDET1=3.9V to 4.4V
5mV Step
-
DX
4.320
4.350
4.380
V
VHCT1
Over-charge hysteresis voltage
VHCT1=0.0V to 0.4V
50mV Step
-
-
VHCT 1
-0.025
VHCT 1
VHCT 1
+0.025
V
tVDET1
Output delay of over charge
-
0.7
1.2
2.0
S
AX
/BX
2.22
2.30
2.38
V
CX
2.42
2.50
2.58
V
VDET2
Over-discharge detection voltage
VDET2=2.0 to 3.0V
10mV Step
-
DX
2.42
2.50
2.58
V
VHDT2
Over-discharge hysteresis voltage
VHDT2=0.0V to 0.7V
100mV Step
-
-
VHDT2
-0.050
VHDT2
VHDT2
+0.050
V
tVDET2
Output delay of over-discharge
-
80
144
245
ms
VDET3
Over-current 1 detection voltage
VDET3=0.05V to 0.3V
10mV Step
Detect rising edge of “V-“ pin voltage
VDET3
-0.015
VDET3
VDET3
+0.015
V
tVDET3
Over-current 1 detection delay
time
-
5
9
15
ms
VDET4
Over-current 2 detection voltage
-
0.37
0.5
0.63
V
tVDET 4
Over-current 2 detection delay
time
-
1.2
2.24
3.8
ms
VDET5
Charger detection voltage
Detect falling edge of ‘V-“pin voltage
-1.0
-0.7
-0.4
V
VSHORT
Load short-circuiting detection
voltage
-
0.7
1.2
1.7
V
tSHORT
Loadshort-circuiting detection
delay time
-
150
320
540
us
0V BATTERY CHARGING FUN CTION
V0cha
0V Battery charge starting charge
voltage
Applied for 0V battery charge function
-
-
1.7
V
V0inh
0V Battery charge inhibition
charge voltage
Applied for 0V battery charge
inhibition function
0.4
1.0
1.6
V
Note 1: Since products are not screened at low/high temperature, the specification for this range is
guaranteed by design, not tested in production.


Similar Part No. - T63H0008A-CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-AX TMT-T63H0001A-AX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-BX TMT-T63H0001A-BX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-CX TMT-T63H0001A-CX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0002A TMT-T63H0002A Datasheet
165Kb / 8P
   T63H0002A
More results

Similar Description - T63H0008A-CX

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com