Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63H0008A-AX Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T63H0008A-AX
Description  Li-Ion/Polymer Battery for one-cell Protector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0008A-AX Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T63H0008A-AX Datasheet HTML 2Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 3Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 4Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 5Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 6Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 7Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 8Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 9Page - Taiwan Memory Technology T63H0008A-AX Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TE
CH
tm
T63H0008A
TM Technology, Inc. reserves the right
P. 6
Publication Date: Dec. 2003
to change products or specifications without notice.
Revision:A
MEASUREMENT CIRCUITS
Unless otherwise specified, the output voltage levels “H” and “L” at COUT and DOUT pins are judged by the
threshold voltage (1.0V) of the N channel FET. Judge the COUT pin level with respect to V- and the DOUT pin
level with respect to VSS.
(1) Measurement Condition 1, Measurement Circuit 1
(Overcharge detection voltage, Overcharge hysteresis voltage).
The overcharge detection voltage(VDET1) is defined by the voltage between VDD and VSS at which VCO
goes “L” from “H” when the voltage V1 is gradually increased from the starting condition V1=3.5V and
V2=0V. The overcharge hysteresis voltage (VHC T1) is then defined by the difference between the
overcharge detection voltage (VDD) and the voltage between VDD and VSS at which VCOUT goes “H”
from “L” when the voltage V1 is gradually decreased.
(2) Measurement Condition 2, Measurement Circuit 2
(Over-discharge detection voltage, Over-discharge hysteresis voltage )
The over-discharge detection voltage (VDET2) is defined by the voltage between VDD and VSS at which
VDO goes “L” from “H” when the voltage V1 is gradually decreased from the starting cond ition V1=3.5V
and V2=0V. The over-discharge hysteresis voltage (VHDT2 ) is then defined by the difference between the
over-discharge detection voltage (VDET2) and the voltage between VDD and VSS at which VDO goes
“H” from “L” when the voltage V1 is gradually increased.
(3) Measurement Condition 3, Measurement Circuit 2
(Over-current 1 detection voltage, Over-current 2 detection voltage, Load short-circuiting detection voltage)
The over-current 1 detection voltage is defined by the voltage between V- and VSS whose delay time for
changing VDO from “H” to “L” lies between the minimum and the maximum value of the over-current 1
detection delay time when the voltage V2 is increased rapidly within 10us from the starting condition
V1=3.5V and V2=0V.
The over-current 2 detection voltage is defined by the voltage between V- and VSS whose delay time for
changing VDO from “H” to “L” lies between the minimum and the maximum value of the over-current 2
detection delay time when the voltage V2 is increased rapidly within 10us from the starting condition
V1=3.5V and V2=0V.
The load short-circuiting detection voltage is defined by the voltage between V- and VSS whose delay time
for changing VDO from “H” to “L” lies between the minimum and the maximum value of the load
short-circuiting detection delay time when the voltage V2 is increased rapidly within 10us from the starting
condition V1=3.5V and V2=0V.


Similar Part No. - T63H0008A-AX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-AX TMT-T63H0001A-AX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-BX TMT-T63H0001A-BX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-CX TMT-T63H0001A-CX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0002A TMT-T63H0002A Datasheet
165Kb / 8P
   T63H0002A
More results

Similar Description - T63H0008A-AX

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com