Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63H0001A-BX Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T63H0001A-BX
Description  Li-Ion Battery Protector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0001A-BX Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T63H0001A-BX Datasheet HTML 1Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 2Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 3Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 4Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 5Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 6Page - Taiwan Memory Technology T63H0001A-BX Datasheet HTML 7Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TE
CH
tm
T63H0001A
TM Technology Inc. reserves the right
P. 5
Publication Date:MAR. 2004
to change products or specifications without notice.
Revision:A
which enables charge control Nch-MOS-FET
for turning to “OFF”. Though the VDD voltage
would be going up to a higher level than Vdet1 if
it is within a time period of the output delay time,
VD1 would not be output a signal for turning
“OFF” of charge control Nch-MOS-FET.
A level shifter incorporated in a buffer driver for
the Cout pin makes the “L” of Cout pin to the
VM pin voltage and the “H” of Cout pin is set to
VDD voltage with CMOS buffer.
Reset conditions from overcharging
There can be two cases to reset the VD1 making
the Cout pin level to “H” again after detecting
overcharge. Resetting the VD1 makes the
charging system ready for resumption of
charging process.
The first case is in such condition that a time
when the VDD voltage is coming down to a
level lower than “Vdet1-Vhys1”. While in the
second case, disconnecting a charger from the
battery pack can make the VD1 resetting when
the VDD level is within hysteresis width
(Vdet1-Vhys1<=VDD<Vdet1)
After detecting over-charge with the VDD
voltage of higher than Vdet1, connecting system
load to the battery pack makes load current
allowable through parasitic diode of external
charge control Nch-MOS-FET. The Cout level
would be “H” when the VDD level is coming
down to a level below the Vdet1 by continuous
drawing of load current.
VD2/Over-Discharge Detector
The VD2 monitors a VDD pin voltage. When
the VDD voltage crosses the over-discharge
detector threshold Vdet2 from a high value to a
value lower than the Vdet2, the VD2 can sense
an over-discharging and the external discharge
control Nch-MOS-FET turns to “OFF” with
Dout pin being at “L”.
Resetting the VD2 with the Dout pin level being
“H” again after detecting over-discharge is only
possible by connecting a charger to the battery
pack. When the VDD voltage stays under
over-discharge detector threshold Vdet2 charge
current can flow through parasitic diode of
external control Nch-MOS-FET, then after the
VDD voltages comes up to a value larger than
Vdet2 discharging process would be advanced
through “ON” state discharge control
Nch-MOS-FET. Connecting a charger to the
battery pack makes the Dout level being “H”
instantaneously when the
VDD voltage is higher than Vdet2.
An output delay time for the over-discharge
detection is fixed internally. Through the VDD
voltage would be going down to a lower level
than Vdet2 if it is within a time period of the
output delay time, VD2 would not output a
signal for turning “OFF” of discharge control
Nch-MOS-FET.
After detection of an over-discharge by VD2,
supply current would be reduced to 0.3uA TYP.
At VDD=2V and into standby, only the charger
detector is operating.
The output type of Dout pin is CMOS having
“H” level of VDD and “L” level of VSS.
VD3/Excess Current Detector, Short Circuit Protector
Both of the excess current detector and short
circuit protector can work when both control


Similar Part No. - T63H0001A-BX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0002A TMT-T63H0002A Datasheet
165Kb / 8P
   T63H0002A
T63H0002A-AX TMT-T63H0002A-AX Datasheet
165Kb / 8P
   T63H0002A
T63H0002A-BX TMT-T63H0002A-BX Datasheet
165Kb / 8P
   T63H0002A
T63H0002A-CX TMT-T63H0002A-CX Datasheet
165Kb / 8P
   T63H0002A
T63H0002A-DX TMT-T63H0002A-DX Datasheet
165Kb / 8P
   T63H0002A
More results

Similar Description - T63H0001A-BX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
   Li-Ion/Polymer Battery for one-cell Protector
logo
Will Semiconductor Ltd.
ESD56031N WILLSEMI-ESD56031N Datasheet
534Kb / 7P
   4.6V, Single Li-ion Battery Port Surge Protector
ESD5651N WILLSEMI-ESD5651N Datasheet
444Kb / 7P
   4.5V, Single Li-ion Battery Port Surge Protector
logo
Leshan Radio Company
LESD8H5.0CT5G LRC-LESD8H5.0CT5G Datasheet
110Kb / 4P
   5.0V, Single Li-ion Battery Port Surge Protector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com