Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V2M08A Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T15V2M08A
Description  256K X 8 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V2M08A Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T15V2M08A Datasheet HTML 1Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 2Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 3Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 4Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 5Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 6Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 7Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 8Page - Taiwan Memory Technology T15V2M08A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TE
CH
tm
Preliminary T15V2M08A
Taiwan Memory Technology, Inc. reserves the right
P. 3
Publication Date: MAR. 2001
to change products or specifications without notice.
Revision:0.A
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYM
MIN.
MAX.
UNIT
Voltage on Any Pin Relative to Gnd
VR
-0.5
+4.6 V
V
Power Dissipation
PD
-
0.7
W
Storage Temperature
TSTG
-55
+150
°C
Temperature Under Bias
IBIAS
-40
+85
°C
*Note: Stresses greater than those listed above Absolute Maximum Ratings may cause permanent damage to
the device. This is a stress rating only and function operation of the device at these or any other
conditions outside those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
CE 1
CE2
WE
OE
DATA
MODE
H
X
X
X
High-Z
Standby
X
L
X
X
High-Z
Standby
L
H
H
L
Data Out
Active, Read
L
H
H
H
High-Z
Active, Output Disable
L
H
L
X
Data In
Acitve, Write
*Note: X = Don’t Care, L = Low, H = High


Similar Part No. - T15V2M08A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
T15V2M16B-55S TMT-T15V2M16B-55S Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
T15V2M16B-55SI TMT-T15V2M16B-55SI Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
T15V2M16B-70C TMT-T15V2M16B-70C Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
T15V2M16B-70CI TMT-T15V2M16B-70CI Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
More results

Similar Description - T15V2M08A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com