Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78020WAST Datasheet(PDF) 2 Page - Texas Instruments

Part # PTN78020WAST
Description  6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020WAST Datasheet(HTML) 2 Page - Texas Instruments

  PTN78020WAST Datasheet HTML 1Page - Texas Instruments PTN78020WAST Datasheet HTML 2Page - Texas Instruments PTN78020WAST Datasheet HTML 3Page - Texas Instruments PTN78020WAST Datasheet HTML 4Page - Texas Instruments PTN78020WAST Datasheet HTML 5Page - Texas Instruments PTN78020WAST Datasheet HTML 6Page - Texas Instruments PTN78020WAST Datasheet HTML 7Page - Texas Instruments PTN78020WAST Datasheet HTML 8Page - Texas Instruments PTN78020WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PACKAGE SPECIFICATIONS
PTN78020W
PTN78020H
SLTS228A – DECEMBER 2004 – REVISED APRIL 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PTN78020 (Basic Model)
Output Voltage
Part Number
Description
Package Designator
PTN78020WAH
Horizontal T/H
EUK-7
2.5 V - 12.6 V
PTN78020WAS (1)(2)
Horizontal SMD
EUL-7
PTN78020WAZ (2)(3)
PTN78020HAH
Horizontal T/H
EUK-7
11.85 V - 22 V
PTN78020HAS (1)(2)
Horizontal SMD
EUL-7
PTN78020HAZ (2)(3)
(1)
Standard option specifies Sn/Pb solder ball material.
(2)
Add a T suffix for tape and reel option on SMD packages.
(3)
Pb-free option specifies Sn/Ag solder ball material.
over operating free-air temperature range unless otherwise noted
all voltages with respect to GND
UNIT
TA
Operating free-air temperature
Over VI range
–40
°C to 85°C
Horizontal SMD (suffix AS)
235
°C
Solder reflow temperature
Surface temperature of module body or pins
Horizontal SMD (suffix AZ)
260
°C
TS
Storage temperature
–40
°C to 125°C
VI
Input surge voltage, 10 ms maximum
38 V
VINH
Inhibit (pin 3) input voltage
–0.3 V to 5 V
PO
Output power
VI ≤ 24 V or VO ≥ 15 V
90 W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
MAX
UNIT
PTN78020W
7
36
VI
Input voltage
V
PTN78020H
15
36
TA
Operating free-air temperature
–40
85
°C
PTN78020x (Suffix AH, AS, & AZ)
Weight
7.3 grams
Flammability
Meets UL 94 V-O
Horizontal T/H (suffix AH)
250 Gs (1)
Mechanical
Per Mil-STD-883D, Method 2002.3, 1 ms, 1/2 sine,
shock
mounted
Horizontal SMD (suffix AS and AZ)
125 Gs (1)
Horizontal T/H (suffix AH)
20 Gs (1)
Mechanical
Mil-STD-883D, Method 2007.2, 20-2000 Hz
vibration
Horizontal SMD (suffix AS and AZ)
10 Gs (1)
(1)
Qualification limit.
2


Similar Part No. - PTN78020WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020WAST TI-PTN78020WAST Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78020WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com