Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2808A-1Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808A-1Q1
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808A-1Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2808A-1Q1 Datasheet HTML 3Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 4Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 5Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 6Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 7Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 8Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 9Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 10Page - Texas Instruments UCC2808A-1Q1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UCC2808A1Q1, UCC2808A2Q1
LOW POWER CURRENT MODE PUSHPULL PWM
SGLS183 − AUGUST 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
OSCILLATOR FREQUENCY
vs
EXTERNAL RC VALUES
0
RT − Timing Resistor − k
50
100
150
200
1
10
100
1000
C = 100 pF
C = 220 pF
C = 330 pF
C = 560 pF
C = 820 pF
C = 1000 pF
Figure 4
600
800
1000
1200
400
200
0
0
2
4
6
8
10
12
14
Oscillator Frequency − kHz
IDD
without load
IDD
with 1 nF load
VDD = 10 V, t = 25
5C
IDD
vs
OSCILLATOR FREQUENCY
Figure 5
−55
−35
−15
5
25
45
65
85
105
125
0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature
COMP TO CS OFFSET
vs
TEMPERATURE
-
°C
1
100
10000
1000000
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
180
Gain
Figure 6
ERROR AMPLIFIER GAIN AND PHASE
RESPONSE
vs
FREQUENCY
Frequency − Hz
Phase
Figure 7
OUTPUT DEAD TIME
vs
EXTERNAL RC VALUES
RT − Timing Resistor − k
50
100
150
200
250
100
150
250
300
200
50
C = 100 pF
C = 220 pF
C = 330 pF
C = 560 pF
C = 820 pF
C = 1000 pF
Figure 8
DEAD TIME
vs
TEMPERATURE
Temperature -
°C
−100
−50
0
50
100
150
VDD = 10 V
VDD = 7.5 V
VDD = 5 V
0
50
100
150
200
250
300
350
400
Figure 9
RC RDS(on)
vs
TEMPERATURE
−100
−50
0
50
100
150
0
50
100
150
200
250
300
VDD = 10 V
VDD = 7.5 V
VDD = 5 V
Temperature -
°C
Figure 10
Temperature -
°C
−100
−50
0
50
100
150
0
20
40
60
80
100
120
VDD = 5 V
VDD = 7.5 V
VDD = 10 V
CS RDS(on)
vs
TEMPERATURE


Similar Part No. - UCC2808A-1Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808A-1Q1 TI-UCC2808A-1Q1 Datasheet
250Kb / 11P
[Old version datasheet]   LOW POER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_08 Datasheet
250Kb / 11P
[Old version datasheet]   LOW POER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
More results

Similar Description - UCC2808A-1Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com