Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2808A-1EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808A-1EP
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808A-1EP Datasheet(HTML) 1 Page - Texas Instruments

  UCC2808A-1EP Datasheet HTML 1Page - Texas Instruments UCC2808A-1EP Datasheet HTML 2Page - Texas Instruments UCC2808A-1EP Datasheet HTML 3Page - Texas Instruments UCC2808A-1EP Datasheet HTML 4Page - Texas Instruments UCC2808A-1EP Datasheet HTML 5Page - Texas Instruments UCC2808A-1EP Datasheet HTML 6Page - Texas Instruments UCC2808A-1EP Datasheet HTML 7Page - Texas Instruments UCC2808A-1EP Datasheet HTML 8Page - Texas Instruments UCC2808A-1EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC2808A1EP, UCC2808A2EP
LOW POWER CURRENT MODE PUSHPULL PWM
SGLS187A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Dual Output Drive Stages in Push-Pull
Configuration
D Current Sense Discharge Transistor to
Improve Dynamic Response
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D 130-µA Typical Starting Current
D 1-mA Typical Run Current
D Operation to 1 MHz
D Internal Soft Start
D On-Chip Error Amplifier With 2-MHz Gain
Bandwidth Product
D On Chip VDD Clamping
D Output Drive Stages Capable of 500-mA
Peak-Source Current, 1-A Peak-Sink
Current
description/ordering information
The UCC2808A is a family of BiCMOS push-pull, high-speed, low-power, pulse-width modulators. The
UCC2808A contains all of the control and drive circuitry required for off-line or dc-to-dc fixed frequency
current-mode switching power supplies with minimal external parts count.
The UCC2808A dual output drive stages are arranged in a push-pull configuration. Both outputs switch at half
the oscillator frequency using a toggle flip-flop. The dead time between the two outputs is typically 60 ns to
200 ns depending on the values of the timing capacitor and resistors, thus limiting each output stage duty cycle
to less than 50%.
The UCC2808A family offers a variety of package options and choice of undervoltage lockout levels. The family
has UVLO thresholds and hysteresis options for off-line and battery powered systems. Thresholds are shown
in the ordering information table.
The UCC2808A is an enhanced version of the UCC2808 family. The significant difference is that the A versions
feature an internal discharge transistor from the CS pin to ground, which is activated each clock cycle during
the oscillator dead time. The feature discharges any filter capacitance on the CS pin during each cycle and helps
minimize filter capacitor values and current sense delay.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
COMP
FB
CS
RC
VDD
OUTA
OUTB
GND
D PACKAGE
(TOP VIEW)


Similar Part No. - UCC2808A-1EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808A-1EP TI1-UCC2808A-1EP Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808A-1EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com