Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F480T006 Datasheet(PDF) 7 Page - Vicor Corporation

Part # V048F480T006
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F480T006 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V048F480T006 Datasheet HTML 3Page - Vicor Corporation V048F480T006 Datasheet HTML 4Page - Vicor Corporation V048F480T006 Datasheet HTML 5Page - Vicor Corporation V048F480T006 Datasheet HTML 6Page - Vicor Corporation V048F480T006 Datasheet HTML 7Page - Vicor Corporation V048F480T006 Datasheet HTML 8Page - Vicor Corporation V048F480T006 Datasheet HTML 9Page - Vicor Corporation V048F480T006 Datasheet HTML 10Page - Vicor Corporation V048F480T006 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 7 of 14
PRELIMINARY
Auxiliary Pins (Conditions are at 48 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
VC (VTM Control)
Peak voltage
12
14
18
V
Referenced to –OUT
PC (Primary Control)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –IN
Module disable voltage
2.3
2.4
Vdc
Referenced to –IN
Module enable voltage
2.5
2.6
Vdc
Disable hysteresis
100
mV
Source only after start up; not to be used for
Current limit
1.75
1.90
mA
aux. supply; 100 kΩ minimum load
impedance to assure start up.
Enable delay time
100
µs
Disable delay time
1
µs
IL (Current Limit Adjust)
Voltage
1
V
Accuracy
± 15
%
Based on DC current limit set point
PR (Parallel Port)
Voltage
0.6
7.5
V
Referenced to SG
Source current
1
mA
External capacitance
100
pF
VH (Auxiliary Voltage)
Range
8.7
9.0
9.3
Vdc
Maximum source = 5 mA, referenced to SG
Regulation
0.04
%/mA
SC (Secondary Control)
Voltage
1.22
1.24
1.26
Vdc
Referenced to SG
Internal capacitance
0.1
µF
External capacitance
0.7
µF
OS (Output Set)
Set point accuracy
± 1.5
%
Includes 1% external resistor
Reference offset
± 4
mV
CD (Compensation Device)
External resistance
20
Ω
Omit resistor for regulation at output of PRM
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
2.2
Mhrs
25°C, GB
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN60950
CE Mark
Low voltage directive
Mechanical parameters
See mechanical drawing, Figure 19
Weight
0.5 / 14
oz / g
Dimensions
Length
1.26 / 32
in / mm
Width
0.87 / 22
in / mm
Height
0.25 / 6,2
in / mm
General Specs
Electrical Specifications (continued)
V•I Chip Pre-Regulator Module


Similar Part No. - V048F480T006

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F480T006 VICOR-V048F480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F480T006 POWERBOX-V048F480T006 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F480T006

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com