Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F015T100 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V048F015T100
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F015T100 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V048F015T100 Datasheet HTML 5Page - Vicor Corporation V048F015T100 Datasheet HTML 6Page - Vicor Corporation V048F015T100 Datasheet HTML 7Page - Vicor Corporation V048F015T100 Datasheet HTML 8Page - Vicor Corporation V048F015T100 Datasheet HTML 9Page - Vicor Corporation V048F015T100 Datasheet HTML 10Page - Vicor Corporation V048F015T100 Datasheet HTML 11Page - Vicor Corporation V048F015T100 Datasheet HTML 12Page - Vicor Corporation V048F015T100 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T24AL
Rev. 1.7
Page 9 of 14
PRELIMINARY
L
O
A
D
-In
PC
VC
TM
+In
-Out
+Out
VTM
+Out
-Out
K
Ro
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
Factorized
Bus (Vf)
(IL•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
0.4
μH
Output Voltage Setting with Adaptive Loop
The equations for calculating ROS and RCD to set a VTM output
voltage are:
93100
ROS =
( V
L
• 0.8395 ) – 1
(1)
K
RCD =
91238
+ 1
(2)
ROS
VL = Desired load voltage
VOUT = VTM output voltage
K = VTM transformation ratio
(available from appropriate VTM data sheet)
Vf = PRM output voltage, the Factorized Bus (see Figure 16)
RO = VTM output resistance
(available from appropriate VTM data sheet)
IL = Load Current
(actual current delivered to the load)
Output Voltage Trimming (optional)
After setting the output voltage from the procedure above the output
may be margined down (26Vf min) by a resistor from SC-SG using this
formula:
RdΩ =
10000 Vfd
Vfs - Vfd
Where Vfd is the desired factorized bus and Vfs is the set factorized bus.
A low voltage source can be applied to the SC port to margin the load
voltage in proportion to the SC reference voltage.
An external capacitor can be added to the SC port as shown in Figure 16
to control the output voltage slew rate for soft start.
Figure 16 — Adaptive Loop compensation with soft start using the SC port.
Nominal Vout
VTM
Range (Vdc)
K Factor
0.8 ↔
1.6
1/32
1.1 ↔
2.2
1/24
1.6 ↔
3.3
1/16
2.2 ↔
4.4
1/12
3.3 ↔
6.6
1/8
4.3 ↔
8.8
1/6
6.5 ↔
13.4
1/4
8.7 ↔
17.9
1/3
13.0 ↔
26.9
1/2
17.4 ↔
36.0
2/3
26.0 ↔
54.0
1
Table 2 — 048 input series VTM K factor selection guide
Application Information
V•I Chip Pre-Regulator Module


Similar Part No. - V048F015T100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F015T100 VICOR-V048F015T100 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F015T100 VICOR-V048F015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F015T100 POWERBOX-V048F015T100 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F015T100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T12AL VICOR-P048F048T12AL Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com