Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V040F033T060 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V040F033T060
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V040F033T060 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V040F033T060 Datasheet HTML 4Page - Vicor Corporation V040F033T060 Datasheet HTML 5Page - Vicor Corporation V040F033T060 Datasheet HTML 6Page - Vicor Corporation V040F033T060 Datasheet HTML 7Page - Vicor Corporation V040F033T060 Datasheet HTML 8Page - Vicor Corporation V040F033T060 Datasheet HTML 9Page - Vicor Corporation V040F033T060 Datasheet HTML 10Page - Vicor Corporation V040F033T060 Datasheet HTML 11Page - Vicor Corporation V040F033T060 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 8 of 14
PRELIMINARY
Pin / Control Functions
V•I Chip Pre-Regulator Module
+IN / -IN DC Voltage Ports
The V•I Chip maximum input voltage should not be exceeded. PRMs
have internal over / undervoltage lockout functions that prevent
operation outside of the specified input range. PRMs will turn on
when the input voltage rises above its undervoltage lockout. If the
input voltage exceeds the overvoltage lockout, PRMs will shut down
until the overvoltage fault clears. PC will toggle indicating an out of
bounds condition.
+OUT / -OUT Factorized Voltage Output Ports
These ports provide the Factorized Bus voltage output. The –OUT port
is connected internally to the –IN port through a current sense resistor.
The PRM has a maximum power and a maximum current rating and is
protected if either rating is exceeded. Do not short –OUT to –IN.
VC – VTM Control
The VTM Control (VC) port supplies an initial VCC voltage to
downstream VTMs, enabling the VTMs and synchronizing the rise of
the VTM output voltage to that of the PRM. The VC port also provides
feedback to the PRM to compensate for voltage drop due to the VTM
output resistance. The PRM’s VC port should be connected to the VTM
VC port. A PRM VC port can drive a maximum of two (2) VTM VC ports.
PC – Primary Control
The PRM voltage output is enabled when the PC pin is open circuit
(floating). To disable the PRM output voltage, the PC pin is pulled low.
Open collector optocouplers, transistors, or relays can be used to
control the PC pin. When using multiple PRMs in a high power array,
the PC ports should be tied together to synchronize their turn on.
During an abnormal condition the PC pin will pulse (Fig.12) as the
PRM initiates a restart cycle. This will continue until the abnormal
condition is rectified. The PC should not be used as an auxiliary voltage
supply, nor should it be switched at a rate greater than 1 Hz.
TM – Factory Use Only
IL – Current Limit Adjust
The PRM has a preset, maximum, current limit set point. The IL port
may be used to reduce the current limit set point to a lower value. See
“adjusting current limit” on page 10.
PR – Parallel Port
The PR port signal, which is proportional to the PRM output power,
supports current sharing among PRMs. To enable current sharing, PR
ports should be interconnected. Bypass capacitance should be used
when interconnecting PR ports and steps should be taken to minimize
coupling noise into the interconnecting bus. Please consult Vicor
Applications Engineering regarding additional considerations.
VH – Auxiliary Voltage
VH is a gated, non-isolated, nominally 9 Volt, regulated DC voltage
(see “Auxiliary Pins” specifications, on Page 7) that is referenced to
SG. VH may be used to power external circuitry having a total current
consumption of no more than 5 mA.
SC – Secondary Control
The load voltage may be controlled by connecting a resistor or voltage
source to the SC port. The slew rate of the output voltage may be
controlled by controlling the rate-of-rise of the voltage at the SC port
(e.g., to limit inrush current into a capacitive load).
SG – Signal Ground
This port provides a low inductance Kelvin connection to –IN and
should be used as reference for the OS, CD, SC,VH and IL ports.
OS – Output Set
The application-specific value of the Factorized Bus voltage (Vf) is set
by connecting a resistor between OS and SG. Resistor value selection is
shown in Table 1 on Page 2, and described on Page 9. If no resistor is
connected, the PRM output will be approximately one volt. If set
resistor is not colocated with the PRM a load bypass capacitor of
~200 pF may be required.
CD – Compensation Device
Adaptive Loop control is configured by connecting an external resistor
between the CD port and SG. Selection of an appropriate resistor
value (see Equation 2 on Page 9 and Table 1 on Page 2) configures the
PRM to compensate for voltage drops in the equivalent output
resistance of the VTM and the PRM-VTM distribution bus. If no resistor
is connected to CD, the PRM will be in Local Loop mode and will
regulate the +OUT / –OUT voltage to a fixed value.
Figure 15 — PRM pin configuration
Bottom View
4
3
2
1
+OUT
–OUT
+IN
–IN
VC
PC
TM
IL
VH
PR
NC
SG
SC
OS
NC
CD
A
B
C
D
E
F
G
H
J
K
L
M
N
P
AL Version
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Signal Name
BGA Designation
+IN
G1-K1,G2-K2
–IN
L1-P1, L2-P2
VC
A1,A2
PC
B1, B2
TM
C1, C2
IL
D1, D2
PR
F1, F2
VH
A3, A4
SC
B3, B4
SG
C3, C4
OS
D3, D4
CD
F3, F4
+OUT
G3-K3, G4-K4
–OUT
L3-P3, L4-P4


Similar Part No. - V040F033T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V040F033T060 VICOR-V040F033T060 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
More results

Similar Description - V040F033T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com