Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18-11GWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # SC18-11GWA
Description  45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC18-11GWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SC18-11GWA Datasheet HTML 1Page - Kingbright Corporation SC18-11GWA Datasheet HTML 2Page - Kingbright Corporation SC18-11GWA Datasheet HTML 3Page - Kingbright Corporation SC18-11GWA Datasheet HTML 4Page - Kingbright Corporation SC18-11GWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: CDA0857
REV NO: V.1
DATE: NOV/18/2001
PAGE: 5 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Super Bright Red


Similar Part No. - SC18-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC18-11GWA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SX52 ETC-SX52 Datasheet
149Kb / 5P
   13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com