Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS6602RLRA Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS6602RLRA
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6602RLRA Datasheet(HTML) 1 Page - ON Semiconductor

  MPS6602RLRA Datasheet HTML 1Page - ON Semiconductor MPS6602RLRA Datasheet HTML 2Page - ON Semiconductor MPS6602RLRA Datasheet HTML 3Page - ON Semiconductor MPS6602RLRA Datasheet HTML 4Page - ON Semiconductor MPS6602RLRA Datasheet HTML 5Page - ON Semiconductor MPS6602RLRA Datasheet HTML 6Page - ON Semiconductor MPS6602RLRA Datasheet HTML 7Page - ON Semiconductor MPS6602RLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 4
1
Publication Order Number:
MPS6601/D
MPS6601, MPS6602 (NPN)
MPS6651, MPS6652 (PNP)
MPS6602 and MPS6652 are Preferred Devices
Amplifier Transistors
Features
Voltage and Current are Negative for PNP Transistors
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
MPS6601/6651
MPS6602/6652
VCEO
25
40
Vdc
Collector −Base Voltage
MPS6601/6651
MPS6602/6652
VCBO
25
30
Vdc
Emitter −Base Voltage
VEBO
4.0
Vdc
Collector Current − Continuous
IC
1000
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
W
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. RqJA is measured with the device soldered into a typical printed circuit board.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MPS66xy = Device Code
x = 0 or 5
y = 1 or 2
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
Preferred devices are recommended choices for future use
and best overall value.
TO−92
CASE 29−11
STYLE 1
1
2
3
MARKING DIAGRAM
MPS
66xy
AYWW
G
G
COLLECTOR
3
2
BASE
1
EMITTER
COLLECTOR
3
2
BASE
1
EMITTER
NPN
PNP
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MPS6602RLRA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6602 MOTOROLA-MPS6602 Datasheet
246Kb / 8P
   Amplifier Transistors
logo
Samsung semiconductor
MPS6602 SAMSUNG-MPS6602 Datasheet
30Kb / 1P
   NPN (AMPLIFIER TRANSISTOR)
logo
Central Semiconductor C...
MPS6602 CENTRAL-MPS6602 Datasheet
82Kb / 2P
   COMPLEMENTARY HIGH CURRENT AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
MPS6602 NJSEMI-MPS6602 Datasheet
122Kb / 2P
   NJ Semi-Conductors reserves the right to change test conditions, parameter limit
More results

Similar Description - MPS6602RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com