Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1174 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1174
Description  System Reset (with battery back-up) Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1174 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1174 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1174 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1174 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1174 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1174 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1174 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUMI
System Reset (with battery back-up) MM1025, 1174
System Reset (with battery back-up)
Monolithic IC MM1025, 1174
Outline
These ICs were developed for D-RAM and dummy S-RAM battery back-up. D-RAM and dummy S-RAM
power supplies differ from that of S-RAMs because 5V or 3.3V of power supply is required even during
battery back-up. Therefore, these ICs provide voltage from a stable power supply during both normal
operation and back-up. Also, the internal stable power supply switches automatically to battery back-up if the
main power supply voltage goes down for any reason.
Features
1. Battery back-up
MM1025
Current consumption
600µA typ.
Input/output voltage difference IL=40mA
0.25V typ.
Output current
40mA max.
MM1174
Current consumption
300µA typ.
Input/output voltage difference IL=40mA
0.13V typ.
Output current
40mA max.
2. Normal operation
MM1025
Input/output voltage difference
IL=80mA (built-in transistor)
0.29V typ.
Output current
VCC=6V
80mA typ.
External transistor drive current VCC= 6V
15mA typ.
Current consumption
900µA max.
MM1174 (for external transistor)
Input/output voltage difference
IL=200mA
0.13V typ.
Output current
Depends on external transistor
External transistor drive current (no built-in TR) VCC=3.6V
10mA typ.
Current consumption
500µA max.
3. Switching voltage from VCC to Battery VCC=High
Low
MM1025
4.9V typ.
MM1174
3.25V typ.
4. VCC-Battery forced switching and detection voltage adjustment possible
Package
SOP-8A
Applications
1. Memory cards (D-RAM cards, other)
2. PCs, word processors and other equipment with D-RAMs
3. Fax machines, photocopiers and other office equipment with D-RAMs


Similar Part No. - MM1174

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1177 MITSUMI-MM1177 Datasheet
78Kb / 3P
   Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
MM1177A MITSUMI-MM1177A Datasheet
78Kb / 3P
   Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
MM1177AF MITSUMI-MM1177AF Datasheet
78Kb / 3P
   Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
MM1177B MITSUMI-MM1177B Datasheet
78Kb / 3P
   Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
MM1177BF MITSUMI-MM1177BF Datasheet
78Kb / 3P
   Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries
More results

Similar Description - MM1174

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com