Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP2119 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP2119
Description  9-Line ULTRA3 LVD/SE SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP2119 Datasheet(HTML) 4 Page - IMP, Inc

  IMP2119 Datasheet HTML 1Page - IMP, Inc IMP2119 Datasheet HTML 2Page - IMP, Inc IMP2119 Datasheet HTML 3Page - IMP, Inc IMP2119 Datasheet HTML 4Page - IMP, Inc IMP2119 Datasheet HTML 5Page - IMP, Inc IMP2119 Datasheet HTML 6Page - IMP, Inc IMP2119 Datasheet HTML 7Page - IMP, Inc IMP2119 Datasheet HTML 8Page - IMP, Inc IMP2119 Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0
°C ≤ TA ≤ 70°C. TermPwr = 4.75V.
ISO
:
IMP2119
=
LOW.
Low
duty
cycle
pulse
testing
techniques
are
used
which
maintain
junction and case temperatures equal to the ambient temperature.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
r
w
P
m
r
e
TD
V
LV
M
R
E
T
0
.
35
2
.
5V
E
S5
.
35
2
.
5
e
g
a
t
l
o
V
e
n
i
L
l
a
n
g
i
S
00
.
5V
e
g
a
t
l
o
V
t
u
p
n
I
t
c
e
n
n
o
c
s
i
D
0V
M
R
E
T
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
l
a
u
t
r
i
V
g
n
i
t
a
r
e
p
O
00
7°C
.
l
a
n
o
i
t
c
n
u
f
s
i
e
c
i
v
e
d
e
h
t
h
c
i
h
w
r
e
v
o
e
g
n
a
R
.
2
:
e
t
o
N
s
p
e
.
3
0
t
_
2
4
/
1
4
2
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
c
e
S
r
o
t
a
n
i
m
r
e
T
D
V
L
t
n
e
r
r
u
C
y
l
p
p
u
S
r
w
P
m
r
e
TD
V
L
C
C
I
n
e
p
O
=
s
e
n
il
r
o
t
a
n
i
m
r
e
t
ll
A5
20
3A
m
V
0
.
2
ISO>
15
3
µA
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
CV M
C
5
2
1
.
15
2
.
15
7
3
.
1V
e
g
a
t
l
o
V
t
e
s
f
f
OV B
S
F
)
3
e
t
o
N
e
e
s
(
+
d
n
a
n
e
e
w
t
e
b
t
i
u
c
r
i
c
n
e
p
O0
0
12
1
15
2
1V
m
r
o
t
a
n
i
m
r
e
T
l
a
i
t
n
e
r
e
f
f
i
De
c
n
a
d
e
p
m
IZD
V
T
U
O
V
1
o
t
V
1
=
l
a
i
t
n
e
r
e
f
f
i
d0
0
15
0
10
1
1
e
c
n
a
d
e
p
m
I
e
d
o
M
n
o
m
m
o
CZ M
C
V
5
.
2
o
t
V
00
0
10
0
20
0
3
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OCO
0
.
2.0 V
>
O
S
I
5
.
2F
p
e
g
a
k
a
e
L
t
u
p
t
u
OI
K
A
E
L
V
0
.
2
>
ISO
2
µA
V
E
N
I
L
T
,
V
4
o
t
V
0
=
A
2
=5°C
V
0
.
2
ISO >
1
TPWR
V
,
V
0
=
E
N
I
L
V
7
.
2
=
y
a
l
e
D
e
g
n
a
h
C
e
d
o
Mt F
D
V
0
o
t
V
4
.
1
=
E
S
N
E
S
F
F
I
D5
1
1s
m
n
o
i
t
c
e
S
E
S
N
E
S
F
F
I
D
e
g
a
t
l
o
V
t
u
p
t
u
O
E
S
N
E
S
F
F
I
DV
F
F
I
D
2
.
13
.
14
.
1V
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
E
S
N
E
S
F
F
I
DI
F
F
I
D
V
F
F
I
D
V
0
=0
.
50
.
5
1A
m
t
n
e
r
r
u
C
k
n
i
S
E
S
N
E
S
F
F
I
DI
)
F
F
I
D
(
K
N
I
S
V
F
F
I
D
V
5
7
.
2
=0
0
2
µA
e
g
a
k
a
e
L
t
u
p
t
u
O
E
S
N
E
S
F
F
I
DI
)
F
F
I
D
(
K
A
E
L
V
0
.
2
>
ISO
0
1
µA
TA
2
=5°C
n
o
i
t
c
e
S
r
o
t
a
n
i
m
r
e
T
d
e
d
n
E
-
e
l
g
n
i
S
t
n
e
r
r
u
C
y
l
p
p
u
S
r
w
P
m
r
e
TI
E
S
C
C
,
n
e
p
O
=
s
e
n
il
r
o
t
a
n
i
m
r
e
t
ll
AE
V
A
L
S
/
R
E
T
S
A
MV
0
=7
0
1A
m
,
V
2
.
0
=
s
e
n
il
r
o
t
a
n
i
m
r
e
t
ll
AE
V
A
L
S
/
R
E
T
S
A
MV
0
=4
1
26
2
2
V
0
.
2
>
T
C
E
N
N
O
C
S
I
D5
15
3
µA
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
r
o
t
a
n
i
m
r
e
TVO
6
.
25
8
.
2V
t
n
e
r
r
u
C
t
u
p
t
u
OIO
V
T
U
O
V
2
.
0
=1
23
24
2A
m
t
n
e
r
r
u
C
k
n
i
SI
K
N
I
S
V
T
U
O
s
e
n
il
ll
a
,
V
4
=5
45
6A
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OCO
V
0
.
2
>
ISO
5
.
2F
p
t
n
e
r
r
u
C
e
g
a
k
a
e
LI
K
A
E
L
V
0
.
2
>
ISO
2
µA
V
T
U
O
T
,
V
4
o
t
V
0
=
A
2
=5°C
V
0
.
2
ISO >
I
TPWR
,
V
0
=
E
N
I
L
T
,
V
7
.
2
=
A
2
=5°C
e
c
n
a
d
e
p
m
I
r
e
v
i
r
D
d
n
u
o
r
GZG
A
m
1
=
I0
0
1
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
5
1°C
Recommended Operating Conditions2
Electrical Characteristics
Note: 3. Open circuit fallsafe voltage.
IMP2
IMP21
11
19
9
IMP2
IMP21
11
19
9


Similar Part No. - IMP2119

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
A1 PROs co., Ltd.
IMP2524 A1PROS-IMP2524 Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
IMP2524-1BN A1PROS-IMP2524-1BN Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
IMP2524-1BWM A1PROS-IMP2524-1BWM Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
IMP2524-2BN A1PROS-IMP2524-2BN Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
More results

Similar Description - IMP2119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 112905
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com