Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM55-121R3LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM55-121R3LF
Description  Shielded Drum Compact Package Low Cost Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM55-121R3LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM55-121R3LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM55-121R3LF Datasheet HTML 2Page - List of Unclassifed Manufacturers HM55-121R3LF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
19
Electrical / Environmental
• Operating Temperature Range
-40°C to +155°C
• Ambient Temperature, Maximum
100°C
• Temperature Rise, Maximum
50°C
• Insulation System
Class F, 155°C
Shielded Drum Compact Package Low Cost Inductors
Specifications
Notes:
(1) Rate current, Irated, is the approximate DC current at which inductance will be decreased by 20% from its initial (zero DC) value or the
current at which ∆T = 50°C, whichever is lower.
(2) Isat is the saturation current at which inductance rolls off approximately 30% from its initial value.
(3) DC resistance is measured at 25°C.
Inductance
100 kHz
100 kHz, 0.1 V
Part
@ 0 Adc
@ Irated
Irated (1)
Isat (2)
DCR (3)
Dim D.
Dim. E
Number
µH
±10%
µH Min.
µH Typ.
(Adc)
(Adc)
m
±5%
(mm
±0.5)
(mm
±0.1)
Fig.
HM55-12R40
0.40
0.32
0.35
20
29
1.00
8.76
1.30
2
HM55-14R40
0.40
0.32
0.35
15
38
1.75
8.40
1.00
2
HM55-21R43
0.43
0.36
0.40
18
27
0.77
4.10
1.30
1
HM55-21R95
0.95
0.76
0.84
22.5
33
1.28
6.90
1.30
1
HM55-211R3
1.38
1.10
1.25
15
22
2.26
6.60
1.05
1
HM55-22R79
0.79
0.56
0.63
27
39
1.20
12.5
1.45
2
HM55-24R28
0.28
0.21
0.25
30
85
0.72
12.7
1.30
2
HM55-26R50
0.50
0.36
0.40
40
50
0.90
12.7
1.50
2
HM55-311R4
1.40
1.08
1.20
35
50
0.98
6.60
1.65
1
HM55-313R0
3.00
2.43
2.70
21
30
2.60
9.45
1.30
1
HM55-315R6
5.60
4.86
5.40
9
14
7.30
7.11
0.91
1
HM55-321R0
1.0
0.72
0.80
40
56
1.25
15.24
1.50
2
Figure 1
Figure 2
Outline Dimensions (Inch/mm)
Case Size Fig.
A
B
C
12
2
.295
.295
.433
7.50
7.50
11.0
14
2
.295
.295
.295
7.50
7.50
7.50
21
1
.413
.433
.413
10.5
11.0
10.5
22
2
.413
.413
.413
10.5
10.5
10.5
24
2
.413
.413
.295
10.5
10.5
7.50
26
2
.413
.413
.355
10.5
10.5
9.00
31
1
.532
.543
.532
13.5
13.8
13.5
32
2
.532
.532
.492
13.5
13.5
12.5
Notes: (A) Refer to Specifications table for
‘D’ & ‘E’ dimensions of each model.
(B) For case size 12 & 14, only BI logo &
datecode will be printed.
RoHS
Compliant
for
‘LF’ Models
BI XXRXX
YYWW
Packaging
Standard: Vacuum Tray
Case Size
Capacity Per Tray
Capacity Per Carton
(Units)
(Units)
12, 14, 21
40
560
22
44
660
24
50
600
26
45
630
31, 32
44
572

US 6,8
47,28
0
BI XXRXX
YYWW
Refer to Note (B)


Similar Part No. - HM55-121R3LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM55-12R40LF BITECH-HM55-12R40LF Datasheet
683Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
HM55-12R40LF BITECH-HM55-12R40LF Datasheet
713Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
TT Electronics.
HM55-12R40LF TTELEC-HM55-12R40LF Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
More results

Similar Description - HM55-121R3LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
TT Electronics.
HM55 TTELEC-HM55 Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55_15 Datasheet
713Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
   Low-Profile Shielded Drum Inductors
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Eaton All Rights Reserv...
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
   Low profile shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
   Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
   Low profile shielded drum core power inductors
logo
TT Electronics.
HM79S TTELEC-HM79S Datasheet
648Kb / 3P
   Shielded Drum Surface Mount Inductors
logo
Eaton All Rights Reserv...
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
   Low profile metalized shielded drum core power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com