Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL78L12-DC-TB Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL78L12-DC-TB
Description  Three-Terminal Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL78L12-DC-TB Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL78L12-DC-TB Datasheet HTML 4Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 5Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 6Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 7Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 8Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 9Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 10Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 11Page - Anpec Electronics Coropration APL78L12-DC-TB Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Oct., 2003
APL78L05/12
www.anpec.com.tw
8
Packaging Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 .3 5
1 .7 5
0 .0 5 3
0 . 0 6 9
A 1
0. 10
0. 25
0. 004
0. 010
D
4 .8 0
5 .0 0
0 .1 8 9
0 . 1 9 7
E
3 .8 0
4 .0 0
0 .1 5 0
0 . 1 5 7
H
5 .8 0
6 .2 0
0 .2 2 8
0 . 2 4 4
L
0 .4 0
1 .2 7
0 .0 1 6
0 . 0 5 0
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APL78L12-DC-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-PBG ANPEC-APL78L12DC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-TBG ANPEC-APL78L12DC-TBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-TRG ANPEC-APL78L12DC-TRG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12EC-PBG ANPEC-APL78L12EC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
More results

Similar Description - APL78L12-DC-TB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L05 ANPEC-APL78L05_11 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L05BP MCC-MC78L05BP Datasheet
107Kb / 3P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com